Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMI10021 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SMI10021
Description  100-113 Gbps 10:4 Mux/CMU with Dual-DQPSK Precoder for Short Reach Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMI10021 Datasheet(HTML) 2 Page - Semtech Corporation

  SMI10021 Datasheet HTML 1Page - Semtech Corporation SMI10021 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
SMI10021-PB
WWW.SEMTECH.COM
SIERRA
MONOLITHICS
SMI10021 Block Diagram — 100-113 Gbps 10:4 Mux/CMU with Dual-DQPSK Precoder
Sierra Monolithics Inc. is now part of Semtech Incorporated. To view the most current product specifications and datasheets, contact your local Semtech Field Applications Engineer.


Similar Part No. - SMI10021

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMI10031 SEMTECH-SMI10031 Datasheet
337Kb / 2P
   100-113 Gbps 4:10 CDR/Demultiplexer with Dual/Single DQPSK Decoder for Short
More results

Similar Description - SMI10021

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMI5027 SEMTECH-SMI5027 Datasheet
522Kb / 2P
   56 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI10031 SEMTECH-SMI10031 Datasheet
337Kb / 2P
   100-113 Gbps 4:10 CDR/Demultiplexer with Dual/Single DQPSK Decoder for Short
SMI4029 SEMTECH-SMI4029 Datasheet
579Kb / 2P
   40-45 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
SMI4028 SEMTECH-SMI4028 Datasheet
485Kb / 2P
   45 to 49 Gbps 16:2 Multiplexer/CMU with DQPSK Precoder
logo
Vitesse Semiconductor C...
VSC8171 VITESSE-VSC8171 Datasheet
246Kb / 2P
   SONET/SDH 16:1 Mux with CMU
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
   6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Hittite Microwave Corpo...
HMC854LC5 HITTITE-HMC854LC5 Datasheet
1Mb / 10P
   28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
   MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
logo
Bel Fuse Inc.
SFP-1GBT-04 BEL-SFP-1GBT-04 Datasheet
369Kb / 4P
   10/100 BroadR-Reach??RJ45 SFP Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com