Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM41030 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM41030
Description  Operating Voltage Operating temperature range Small Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM41030 Datasheet(HTML) 3 Page - New Japan Radio

  NJM41030 Datasheet HTML 1Page - New Japan Radio NJM41030 Datasheet HTML 2Page - New Japan Radio NJM41030 Datasheet HTML 3Page - New Japan Radio NJM41030 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NJM41030
-3 -
s
s
s
s TERMINAL FUNCTION
PINNo.
PINNAME
FUNCTION
EQUIVALENTCIRCUIT
DCVOLTAGE
1
CVBS
OUT
Composite Video
Signal Output
1.4V
2
GND
GND
-
-
3
VCC
Power Supply
-
-
4
CVBS IN
Composite Video
Signal Intput
1.56V
5
NC
No Connection
-
-
6
PS
Power Save
Control Voltage Input
-
VCC
GND
270Ω
270Ω
VCC
GND
4.5kΩ
GND
16kΩ
8kΩ


Similar Part No. - NJM41030

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM41031 NJRC-NJM41031 Datasheet
151Kb / 11P
   VIDEO AMPLIFIER WITH LPF
NJM41035 NJRC-NJM41035 Datasheet
71Kb / 4P
   LOW VOLTAGE GAIN ADJUST SINGLE ISOLATION AMPLIFIER WITH LPF
More results

Similar Description - NJM41030

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com