Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4422CM Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC4422CM
Description  9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4422CM Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC4422CM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4422CM Datasheet HTML 12Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC4421/4422
Micrel, Inc.
August 2005
9
M9999-081005
Transition Power Dissipation
Transition power is dissipated in the driver each time its
output changes state, because during the transition, for a
very brief interval, both the N- and P-channel MOSFETs in
the output totem-pole are ON simultaneously, and a current
is conducted through them from V
S to ground. The transition
power dissipation is approximately:
P
T = 2 f VS (A•s)
where (A•s) is a time-current factor derived from the typical
characteristic curve “Crossover Energy vs. Supply Volt-
age.”
Total power (P
D) then, as previously described is just
P
D = PL + PQ + PT
Definitions
C
L =
Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the
input to the driver is high.
f = Operating Frequency of the driver in Hertz
I
H =
Power supply current drawn by a driver when both
inputs are high and neither output is loaded.
I
L =
Power supply current drawn by a driver when both
inputs are low and neither output is loaded.
I
D =
Output current from a driver in Amps.
P
D =
Total power dissipated in a driver in Watts.
P
L =
Power dissipated in the driver due to the driver’s
load in Watts.
P
Q =
Power dissipated in a quiescent driver in Watts.
P
T =
Power dissipated in a driver when the output
changes states (“shoot-through current”) in Watts.
NOTE: The “shoot-through” current from a dual
transition (once up, once down) for both drivers is
stated in Figure 7 in ampere-nanoseconds. This
figure must be multiplied by the number of repeti-
tions per second (frequency) to find Watts.
R
O =
Output resistance of a driver in Ohms.
V
S =
Power supply voltage to the IC in Volts.
Capacitive Load Power Dissipation
Dissipation caused by a capacitive load is simply the energy
placed in, or removed from, the load capacitance by the
driver. The energy stored in a capacitor is described by the
equation:
E = 1/2 C V2
As this energy is lost in the driver each time the load is charged
or discharged, for power dissipation calculations the 1/2 is
removed. This equation also shows that it is good practice
not to place more voltage in the capacitor than is necessary,
as dissipation increases as the square of the voltage applied
to the capacitor. For a driver with a capacitive load:
P
L = f C (VS)
2
where:
f = Operating Frequency
C = Load Capacitance
V
S =Driver Supply Voltage
Inductive Load Power Dissipation
For inductive loads the situation is more complicated. For
the part of the cycle in which the driver is actively forcing
current into the inductor, the situation is the same as it is in
the resistive case:
P
L1 = I
2
R
O D
However, in this instance the R
O required may be either
the on resistance of the driver when its output is in the high
state, or its on resistance when the driver is in the low state,
depending on how the inductor is connected, and this is still
only half the story. For the part of the cycle when the induc-
tor is forcing current through the driver, dissipation is best
described as
P
L2 = I VD (1 – D)
where V
D is the forward drop of the clamp diode in the driver
(generally around 0.7V). The two parts of the load dissipation
must be summed in to produce P
L
P
L = PL1 + PL2
Quiescent Power Dissipation
Quiescent power dissipation (P
Q, as described in the input
section) depends on whether the input is high or low. A low
input will result in a maximum current drain (per driver) of
≤0.2mA; a logic high will result in a current drain of ≤ 3.0mA.
Quiescent power can therefore be found from:
P
Q = VS [D IH + (1 – D) IL]
where:
I
H =
quiescent current with input high
I
L =
quiescent current with input low
D = fraction of time input is high (duty cycle)
V
S =
power supply voltage


Similar Part No. - MIC4422CM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4422CM MICREL-MIC4422CM Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4422CM MICREL-MIC4422CM Datasheet
237Kb / 12P
   9A-Peak Low-Side MOSFET Driver
MIC4422CM MICREL-MIC4422CM Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4422CM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
   12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
   3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com