Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC4SF21YVZ Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC4SF21YVZ
Description  VDRM : 800V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4SF21YVZ Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC4SF21YVZ Datasheet HTML 3Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 4Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 5Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 6Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 7Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 8Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 9Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 10Page - Sharp Corporation PC4SF21YVZ Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
PC4SF21YVZ Series
Fig.9 Turn-on Time vs. Forward Current
Sheet No.: D2-A08301EN
10
−5
10
−7
10
−8
10
−6
10
−9
100
−20
0
20
60
80
40
VD
=800V
−40
Ambient Temperature Ta (˚C)
Fig.8 Repetitive Peak OFF-state Current vs.
Ambient Temperature
1
10
100
110
100
Forward current IF (mA)
VD
=4V
RL
=100Ω
Fig.10-a Zero-cross Voltage vs. Ambient
Temperature (Rank B)
0
2
4
6
8
10
12
14
16
18
20
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
Resistance load,
IF
=15mA
Remarks : Please be aware that all data in the graph
are just for reference.
Fig.10-b Zero-cross Voltage vs. Ambient
Temperature (Rank C)
0
2
4
6
8
10
12
14
16
18
20
−40
0
−20
20
40
60
80
100
Ambient temperature Ta (˚C)
Resistance load,
IF
=8mA
Fig.7 Holding Current vs.
Ambient Temperature
0.01
0.1
1
Ambient temperature Ta (˚C)
VD
=4V
−40
−20
0
20
406080
100


Similar Part No. - PC4SF21YVZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4SF11YTZA SHARP-PC4SF11YTZA Datasheet
296Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF11YTZB SHARP-PC4SF11YTZB Datasheet
296Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF11YTZBF SHARP-PC4SF11YTZBF Datasheet
296Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF11YVZ SHARP-PC4SF11YVZ Datasheet
296Kb / 15P
   VDRM : 800V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SF11YVZA SHARP-PC4SF11YVZA Datasheet
296Kb / 15P
   Non-zero cross type DIP 6pin Phototriac Coupler for triggering
More results

Similar Description - PC4SF21YVZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4SF11YVZ SHARP-PC4SF11YVZ Datasheet
296Kb / 15P
   VDRM : 800V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZ SHARP-PC3SF21YVZ Datasheet
297Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZ SHARP-PC4SD21NTZ Datasheet
330Kb / 16P
   VDRM : 800V Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD11NTZ SHARP-PC4SD11NTZ Datasheet
327Kb / 16P
   VDRM : 800V Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF11YVZ SHARP-PC3SF11YVZ_04 Datasheet
295Kb / 15P
   VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZ SHARP-PC3SD21NTZ_04 Datasheet
344Kb / 17P
   VDRM : 600V Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3SF11YVZAF SHARP-PC3SF11YVZAF Datasheet
295Kb / 15P
   600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD11NTZ SHARP-PC3SD11NTZ Datasheet
334Kb / 16P
   VDRM : 600V Non-zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com