Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4416YM4 Datasheet(PDF) 6 Page - MIC GROUP RECTIFIERS

Part # MIC4416YM4
Description  IttyBitty??Low-Side MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4416YM4 Datasheet(HTML) 6 Page - MIC GROUP RECTIFIERS

Back Button MIC4416YM4 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4416YM4 Datasheet HTML 10Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIC4416/4417
Micrel, Inc.
MIC4416/4417
6
May 2005
0
200
400
600
800
1000
1200
020
406080
100
OUTPUT CURRENT (mA)
Output Voltage Drop vs.
Output Source Current
V
SUPPLY = 5V
18V
NOTE 4
0
200
400
600
800
1000
1200
020
406080
100
OUTPUT CURRENT (mA)
Output Voltage Drop vs.
Output Sink Current
V
SUPPLY = 5V
18V
NOTE 5
0
100
200
300
400
500
600
0369
12
15
18
SUPPLY VOLTAGE (V)
Control Input Hysteresis
vs. Supply Voltage
0
2
4
6
8
10
0369
12
15
18
SUPPLY VOLTAGE (V)
Output
Source Resistance
I
OUT = 10mA
0
200
400
600
800
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Control Input Hysteresis
vs. Temperature
V
SUPPLY = 18V
5V
0
2
4
6
8
10
12
14
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Output Source Resistance
vs. Temperature
V
SUPPLY = 5V
I
OUT ≈ 3mA
V
SUPPLY = 18V
I
OUT ≈ 3mA
0
2
4
6
8
10
0369
12
15
18
SUPPLY VOLTAGE (V)
Output
Sink Resistance
I
OUT = 10mA
0
2
4
6
8
10
12
14
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Output Sink Resistance
vs. Temperature
V
SUPPLY = 5V
I
OUT ≈ 3mA
V
SUPPLY = 18V
I
OUT ≈ 3mA
0
0.5
1.0
1.5
2.0
2.5
0369
12
15
18
SUPPLY VOLTAGE (V)
Peak Output Current
vs. Supply Voltage
Sink
NOTE 7
Source
NOTE 6
0.1
1
10
100
1x102 1x103 1x104 1x105 1x106 1x107
FREQUENCY (Hz)
Supply Current
vs. Frequency
0pF
1,000pF
2,000pF
5,000pF
C
L = 10,000pF
V
SUPPLY = 5V
0.1
1
10
100
1x102 1x103 1x104 1x105 1x106 1x107
FREQUENCY (Hz)
Supply Current
vs. Frequency
0pF
1,000pF
2,000pF
5,000pF
C
L = 10,000pF
V
SUPPLY = 18V
Note 3:
Typical Characteristics at
T
A = 25°C, VS = 5V,
C
L = 1000pF unless noted.
Note 4:
Source-to-drain voltage drop across the
internal P-channel MOSFET =
V
S – VG.
Note 5:
Drain-to-source voltage drop across the
internal N-channel MOSFET = V
G – VGND.
(Voltage applied to G.)
Note 6:
1µs pulse test, 50% duty cycle. OUT
connected to GND. OUT sources current.
(MIC4416, V
CTL = 5V;
MIC4417, V
CTL = 0V)
Note 7:
1µs pulse test, 50% duty cycle. VS
connected to OUT. OUT sinks current.
(MIC4416, V
CTL = 0V;
MIC4417, V
CTL = 5V)


Similar Part No. - MIC4416YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
MIC4416BM4 MICREL-MIC4416BM4 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
More results

Similar Description - MIC4416YM4

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
MIC5018 MICREL-MIC5018_06 Datasheet
209Kb / 8P
   IttyBitty??High-Side MOSFET Driver
MIC5018 MICREL-MIC5018 Datasheet
58Kb / 7P
   IttyBitty??High-Side MOSFET Driver Preliminary Information
MIC281 MICREL-MIC281_11 Datasheet
177Kb / 12P
   Low-Cost IttyBitty??Thermal Sensor IttyBitty
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC2514 MICREL-MIC2514_08 Datasheet
177Kb / 6P
   IttyBitty Integrated High-Side Switch
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
   12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020 Datasheet
99Kb / 7P
   Current-Sensing Low-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com