Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4420 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC4420
Description  6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4420 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC4420_11 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4420_11 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
July 2005
3
M9999-072205
MIC4420/4429
Micrel, Inc.
Electrical Characteristics: (TA = 25°C with 4.5V ≤ VS ≤ 18V unless otherwise specified. Note 4.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INPUT
VIH
Logic 1 Input Voltage
2.4
1.4
V
VIL
Logic 0 Input Voltage
1.1
0.8
V
VIN
Input Voltage Range
–5
VS + 0.3
V
IIN
Input Current
0 V ≤ VIN ≤ VS
–10
10
µA
OUTPUT
VOH
High Output Voltage
See Figure 1
VS–0.025
V
VOL
Low Output Voltage
See Figure 1
0.025
V
RO
Output Resistance,
IOUT = 10 mA, VS = 18 V
1.7
2.8
Ω
Output Low
RO
Output Resistance,
IOUT = 10 mA, VS = 18 V
1.5
2.5
Ω
Output High
IPK
Peak Output Current
VS = 18 V (See Figure 6)
6
A
IR
Latch-Up Protection
>500
mA
Withstand Reverse Current
SWITCHING TIME (Note 3)
tR
Rise Time
Test Figure 1, CL = 2500 pF
12
35
ns
tF
Fall Time
Test Figure 1, CL = 2500 pF
13
35
ns
tD1
Delay Time
Test Figure 1
18
75
ns
tD2
Delay Time
Test Figure 1
48
75
ns
POWER SUPPLY
IS
Power Supply Current
VIN = 3 V
0.45
1.5
mA
VIN = 0 V
90
150
µA
VS
Operating Input Voltage
4.5
18
V
Absolute Maximum Ratings (Notes 1, 2 and 3)
Supply Voltage ...........................................................20V
Input Voltage ...............................VS + 0.3V to GND – 5V
Input Current (VIN > VS) ..........................................50mA
Power Dissipation, TA ≤ 25°C
PDIP ....................................................................960W
SOIC...............................................................1040mW
5-Pin TO-220 ...........................................................2W
Power Dissipation, TC ≤ 25°C
5-Pin TO-220 ......................................................12.5W
Derating Factors (to Ambient)
PDIP .............................................................7.7mW/°C
SOIC.............................................................8.3mW/°C
5-Pin TO-220 .................................................17mW/°C
Storage Temperature............................. –65°C to +150°C
Lead Temperature (10 sec.) ................................... 300°C
Operating Ratings
Supply Voltage .............................................. 4.5V to 18V
Junction Temperature............................................. 150°C
Ambient Temperature
C Version ................................................. 0°C to +70°C
B Version ............................................. –40°C to +85°C
Package Thermal Resistance
5-pin TO-220 (θJC)............................................10°C/W
8-pin MSOP (θJA) ...........................................250°C/W


Similar Part No. - MIC4420_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4420BM MICREL-MIC4420BM Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4420BM MICREL-MIC4420BM Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420BM MICREL-MIC4420BM Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver
MIC4420BMM MICREL-MIC4420BMM Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4420BMM MICREL-MIC4420BMM Datasheet
228Kb / 12P
   6A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4420_11

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
MIC4420 MICREL-MIC4420 Datasheet
96Kb / 10P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Microchip Technology
MIC4420 MICROCHIP-MIC4420 Datasheet
2Mb / 26P
   6A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
09/14/21
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
   12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
   3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com