Part Name
         Description
MIC4416_11

 IttyBitty™ Low-Side MOSFET Driver ( 10 Page)


MIC
100% 
Zoom Out Zoom In
 
 5 page
background image
May 2005
5
MIC4416/4417
MIC4416/4417
Micrel, Inc.
0
10
20
30
40
50
0369
12
15
18
SUPPLY VOLTAGE (V)
Rise and Fall Time
vs. Supply Voltage
FALL
RISE
f
CTL = 1MHz
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Rise and Fall Time
vs. Temperature
RISE
V
SUPPLY = 5V
f
CTL = 1MHz
FALL
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Rise and Fall Time
vs. Temperature
RISE
V
SUPPLY = 18V
f
CTL = 1MHz
FALL
Typical Characteristics Note 3
0
100
200
300
400
500
0369
12
15
18
SUPPLY VOLTAGE (V)
Quiescent Supply Current
vs. Supply Voltage
V
CTL = 5V
V
CTL = 0V
0.1
1
10
100
110
100
CAPACITANCE (nF)
Supply Current
vs. Load Capacitance
V
SUPPLY = 5V
100kHz
10kHz
1MHz
0.1
1
10
100
FREQUENCY (kHz)
Supply Current
vs. Frequency
V
SUPPLY = 18V
5V
0.01
0.1
1
10
100
110
100
CAPACITANCE (nF)
Output Rise and Fall Time
vs. Load Capacitance
FALL
RISE
V
SUPPLY = 5V
f
CTL = 50kHz
0
10
20
30
40
50
60
0369
12
15
18
SUPPLY VOLTAGE (V)
Delay Time
vs. Supply Voltage
V
CTL RISE
V
CTL FALL
0
10
20
30
40
50
60
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Delay Time
vs. Temperature
V
SUPPLY = 5V
V
CTL RISE
V
CTL FALL
0
10
20
30
40
50
60
-60 -30
0
30
60
90 120 150
TEMPERATURE (°C)
Delay Time
vs. Temperature
V
SUPPLY = 18V
V
CTL RISE
V
CTL FALL
0.1
1
10
100
110
100
CAPACITANCE (nF)
Supply Current
vs. Load Capacitance
V
SUPPLY = 18V
100kHz
10kHz
1MHz
0.01
0.1
1
10
110
100
CAPACITANCE (nF)
Output Rise and Fall Time
vs. Load Capacitance
FALL
RISE
V
SUPPLY = 18V
f
CTL = 50kHz



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl