Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4125YML Datasheet(PDF) 9 Page - MIC GROUP RECTIFIERS

Part # MIC4125YML
Description  Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4125YML Datasheet(HTML) 9 Page - MIC GROUP RECTIFIERS

Back Button MIC4125YML Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4125YML Datasheet HTML 11Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MIC4123/4124/4125
Micrel, Inc.
M9999-052405
9
May 2005
P
Q
= V
S x [D x IH + (1 – D) x IL]
= 12 x [(0.5 x 0.0035) + (0.5 x 0.0003)]
= 0.0228W
Total power dissipation, then, is:
P
D
= 0.2160 + 0.0066 + 0.0228
= 0.2454W
Assuming an E-Pad SOIC package, with an θ
JA of 58°C/W,
this will result in the junction running at:
0.2454 x 58 = 14.2°C
above ambient, which, given a maximum ambient tempera-
ture of 60°C, will result in a maximum junction temperature
of 89.4°C.
EXAMPLE 2: A MIC4124 operating on a 15V input, with one
driver driving a 50Ω resistive load at 1MHz, with a duty cycle
of 67%, and the other driver quiescent, in a maximum ambi-
ent temperature of 40°C:
P
L = I
2
x R
O x D
First, I
O must be determined.
I
O = VS / (RO + RLOAD)
Given R
O from the characteristic curves then,
I
O = 15 / (3.3 + 50)
I
O = 0.281A
and:
P
L
= (0.281)2 x 3.3 x 0.67
= 0.174W
P
T
= F x V
S x (A•s)/2
(because only one side is operating)
= (1,000,000 x 15 x 3.3 x 10–9) / 2
= 0.025 W
and:
P
Q = 15 x [(0.67 x 0.00125) + (0.33 x 0.000125) +
(1 x 0.000125)]
(this assumes that the unused side of the driver has its input
grounded, which is more efficient)
= 0.015W
then:
P
D
= 0.174 + 0.025 + 0.0150
= 0.213W
In a MLF with an θ
JA of 60°C/W, this amount of power results
in a junction temperature given the maximum 40°C ambient
of:
(0.213 x 100) + 40 = 52.8°C
The actual junction temperature will be lower than calculated
both because duty cycle is less than 100% and because the
graph lists R
DS(on) at a TJ of 125°C and the RDS(on) at 52.8°C TJ
will be somewhat lower.
Definitions
C
L = Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the
input
to the driver is high.
f = Operating Frequency of the driver in Hertz.
I
H = Power supply current drawn by a driver when both
inputs are high and neither output is loaded.
I
L = Power supply current drawn by a driver when both
inputs are low and neither output is loaded.
I
D = Output current from a driver in Amps.
P
D = Total power dissipated in a driver in Watts.
P
L = Power dissipated in the driver due to the driver’s
load
in Watts.
P
Q = Power dissipated in a quiescent driver in Watts.
P
T = Power dissipated in a driver when the output
changes
states (“shoot-through current”) in Watts.
NOTE: The “shoot-through” current from a dual
transition (once up, once down) for both drivers is
stated in the graph on the following page in ampere-
nanoseconds. This figure must be multiplied by the
number of repetitions per second (frequency to find
Watts).
R
O = Output resistance of a driver in Ohms.
V
S = Power supply voltage to the IC in Volts.


Similar Part No. - MIC4125YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4125YML MICREL-MIC4125YML Datasheet
360Kb / 11P
   Dual 3A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4125YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4423 MIC-MIC4423_11 Datasheet
221Kb / 13P
   Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850003D SENSITRON-SHD850003D Datasheet
57Kb / 3P
   3A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4420 MIC-MIC4420_11 Datasheet
231Kb / 12P
   6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
   9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4120 MICREL-MIC4120_10 Datasheet
458Kb / 10P
   6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
   12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD850001 SENSITRON-SHD850001 Datasheet
43Kb / 3P
   6A-Peak Low Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
   9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com