Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2570-2BM Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC2570-2BM
Description  Two-Cell Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570-2BM Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC2570-2BM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570-2BM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
August 2007
3
MIC2570
MIC2570
Micrel, Inc.
Electrical Characteristics
VIN = 2.5V; TA = 25°C, bold indicates –40°C ≤ TA ≤ 85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
Startup guaranteed, ISW = 100mA
1.3
15
V
Quiescent Current
Output switch off
130
µA
Fixed Feedback Voltage
MIC2570-1; V2.85V pin = VOUT, ISW = 100mA
2.7
2.85
3.0
V
MIC2570-1; V3.3V pin = VOUT, ISW = 100mA
3.14
3.30
3.47
V
MIC2570-1; V5V pin = VOUT, ISW = 100mA
4.75
5.00
5.25
V
Reference Voltage
MIC2570-2, [adj. voltage versions], ISW = 100mA, Note 1
208
220
232
mV
Comparator Hysteresis
MIC2570-2, [adj. voltage versions]
6
mV
Output Hysteresis
MIC2570-1; V2.85V pin = VOUT, ISW = 100mA
65
mV
MIC2570-1; V3.3V pin = VOUT, ISW = 100mA
75
mV
MIC2570-1; V5V pin = VOUT, ISW = 100mA
120
mV
Feedback Current
MIC2570-1; V2.85V pin = VOUT
6
µA
MIC2570-1; V3.3V pin = VOUT
6
µA
MIC2570-1; V5V pin = VOUT
6
µA
MIC2570-2 [adj. voltage versions]; VFB = 0V
25
nA
Reference Line Regulation
1.5V ≤ VIN ≤ 15V
0.35
%/V
Switch Saturation Voltage
VIN = 1.3V, ISW = 300mA
250
mV
VIN = 1.5V, ISW = 800mA
450
mV
VIN = 3.0V, ISW = 800mA
450
mV
Switch Leakage Current
Output switch off, VSW = 36V
1
µA
Oscillator Frequency
MIC2570-1, -2; ISW = 100mA
20
kHz
Maximum Output Voltage
36
V
Sync Threshold Voltage
0.7
V
Switch On-Time
35
µs
Currrent Limit
1.1
A
Duty Cycle
VFB < VREF, ISW = 100mA
67
%
General Note: Devices are ESD protected; however, handling precautions are recommended.
Note 1: Measured using comparator trip point.
Absolute Maximum Ratings
Supply Voltage (VIN)......................................................18V
Switch Voltage (VSW) ....................................................36V
Switch Current (ISW)........................................................ 1A
Sync Voltage (VSYNC)......................................–0.3V to 15V
Storage Temperature (TA)......................... –65°C to +150°C
SOIC Power Dissipation (PD)..................................400mW
Operating Ratings
Supply Voltage (VIN)..................................... +1.3V to +15V
Ambient Operating Temperature (TA) ......... –40°C to +85°C
Junction Temperature (TJ)........................ –40°C to +125°C
SOIC Thermal Resistance (θJA) ............................140°C/W


Similar Part No. - MIC2570-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2570-2BM MICREL-MIC2570-2BM Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
MIC2570-2BM MICREL-MIC2570-2BM Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
More results

Similar Description - MIC2570-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570_07 Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
MIC2571 MICREL-MIC2571_02 Datasheet
574Kb / 12P
   Single-Cell Switching Regulator
logo
E-Tech Electronics LTD
BA9741 ETL-BA9741 Datasheet
146Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
logo
Unisonic Technologies
BA9741 UTC-BA9741 Datasheet
142Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571_11 Datasheet
574Kb / 12P
   Single-Cell Switching Regulator Final Information
logo
Micrel Semiconductor
MIC2571 MICREL-MIC2571 Datasheet
126Kb / 11P
   Single-Cell Switching Regulator Preliminary Information
logo
New Japan Radio
NJM2355 NJRC-NJM2355 Datasheet
326Kb / 11P
   TWO OUTPUT HIGH VOLTAGE SWITCHING REGULATOR
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com