Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2570-1BM Datasheet(PDF) 10 Page - MIC GROUP RECTIFIERS

Part # MIC2570-1BM
Description  Two-Cell Switching Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2570-1BM Datasheet(HTML) 10 Page - MIC GROUP RECTIFIERS

Back Button MIC2570-1BM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC2570-1BM Datasheet HTML 14Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MIC2570
Micrel, Inc.
MIC2570
10
August 2007
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
U2 Micrel
MIC5203-3.3BM4
C1 AVX
TPSD107M010R0100 Tantalum ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum ESR = 0.1Ω
C3 Sprague 293D105X0016A2W Tantalum
D1 Motorola MBRA140T3
L1 Coilcraft DO3316P-473 DCR = 0.12Ω
7
6
1
2
8
IN
C1
100µF
10V
D1
L1
47µH
2.0V to 3.1V
2 Cells
VOUT = 0.22V × (1+R2/R1)
U1
MBRA140
C2
220µF
10V
MIC5203
IN
EN
GND
OUT
VOUT
3.3V/80mA
C3
1µF
16V
1
2
3
4
R1
20k
1%
R2
374k
1%
U2
4.3V
Example 6. Low-Noise 3.3V/80mA Regulator
GND
5V
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-1BM
C1 AVX
TPSD107M010R0100 Tantalum, ESR = 0.1Ω
C2 AVX
TPSE227M010R0100 Tantalum, ESR = 0.1Ω
C3 AVX
TPSE227M010R0100 Tantalum, ESR = 0.1Ω
C4 AVX
TPSE227M010R0100 Tantalum, ESR = 0.1Ω
D1 Motorola MBRA140T3
D2 Motorola MBRA140T3
D3 Motorola MBRA140T3
L1 Coilcraft DO3316P-473, DCR = 1.2Ω
7
4
1
2
8
IN
C2
220µF
10V
+VOUT
5V/50mA
2.0V to 3.1V
2 Cells
C1
100µF
16V
D1
MBRA140
L1
47µH
C3
220µF
10V
D2
MBRA140
D3
MBRA140
C4
220µF
10V
–VOUT
–4.5V to –5V/50mA
– IOUT≤ +IOUT
U1
Example 7. ±5V/50mA Regulator
GND
FB
S W
MIC2570
S Y NC
U1 Micrel
MIC2570-2BM
C1 AVX
TPSD107M010R0100, Tantalum ESR = 0.1Ω
C2 AVX
TPSE226M035R0300, Tantalum ESR = 0.3Ω
C3 AVX
TPSE226M035R0300, Tantalum ESR = 0.3Ω
D1 Motorola MBRA140T3
D2 Motorola MBRA140T3
L1 Coilcraft DO3316P-473, DCR = 0.12Ω
7
6
1
2
8
IN
C3
0.1µF
C1
100µF
10V
D3
1N4148
L1
47µH
R2
549k
1%
R1
4.99k
1%
2.0V to 3.1V
2 Cells
R3
220k
C2
22µF
35V –V
OUT
–24V/20mA
D2
MBRA140
D1
MBRA140
C1
22µF
35V
–VOUT = –0.22V × (1+R2/R1) + 0.6V
U1
Example 8. –24V/20mA Regulator


Similar Part No. - MIC2570-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2570-1BM MICREL-MIC2570-1BM Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
MIC2570-1BM MICREL-MIC2570-1BM Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
More results

Similar Description - MIC2570-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570_07 Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
MIC2571 MICREL-MIC2571_02 Datasheet
574Kb / 12P
   Single-Cell Switching Regulator
logo
E-Tech Electronics LTD
BA9741 ETL-BA9741 Datasheet
146Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
logo
Unisonic Technologies
BA9741 UTC-BA9741 Datasheet
142Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
MIC GROUP RECTIFIERS
MIC2571 MIC-MIC2571_11 Datasheet
574Kb / 12P
   Single-Cell Switching Regulator Final Information
logo
Micrel Semiconductor
MIC2571 MICREL-MIC2571 Datasheet
126Kb / 11P
   Single-Cell Switching Regulator Preliminary Information
logo
New Japan Radio
NJM2355 NJRC-NJM2355 Datasheet
326Kb / 11P
   TWO OUTPUT HIGH VOLTAGE SWITCHING REGULATOR
logo
Eutech Microelectronics...
EUP9232 EUTECH-EUP9232 Datasheet
545Kb / 20P
   LI-ION/POLYMER TWO CELL PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com