Electronic Components Datasheet Search |
|
GP2Y3A002K0F Datasheet(PDF) 1 Page - Sharp Corporation |
|
GP2Y3A002K0F Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 9 page 2Y3A002 F 44 2Y3A002 F 44 GP2Y3A002K0F GP2Y3A002K0F Wide angle Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm 5 Analog outputs type ■ Applications 1. Robot cleaner 2. Vending machine 3. ATM/CD 4. Fun heater 5. Amusement equipment (Robot, Arcade game machine) ■ Features 1. Middle range type Measuring distance range : 20 to 150 cm 2. 5 Analog outputs type 3. Package size : 40×20×18 mm 4. Consumption current : Typ. 30 mA 5. Supply voltage : 4.5 to 5.5 V 6. Detection angle : 25° ■ Agency approvals/Compliance 1. Compliant with RoHS directive (2002/95/EC) Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Sheet No.: E4-A01301EN Date Dec.01.2006 ©SHARP Corporation ■ Description GP2Y3A002K0F is a distance measuring sensor unit, composed of an integrated combination of PSD (position sensitive detector) , 5-IREDs (infrared emitting diode) and signal processing circuit. The variety of the reflectivity of the object, the environmental temperature and the operating duration are not influenced easily to the distance detection because of adopting the triangulation method. This device uses 5 infrared beams for wide range (field of view) detection. This device outputs the 5 voltages corresponding to the each distance detection. 1 |
Similar Part No. - GP2Y3A002K0F_06 |
|
Similar Description - GP2Y3A002K0F_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |