Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2569 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MIC2569
Description  CableCARD??Power Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2569 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MIC2569_11 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2569_11 Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC2569
September 2007
3
M9999-092507-C
(408) 944-0800
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
Ground.
2
NIC
No internal connection. A voltage or signal applied to this pin will have no effect
on device operation.
3
3.3VIN
3V Supply input. Internal chip power is drawn from this supply.
4
5VIN
5V Supply input.
5
3.3VIN
3V Supply input.
Note: both 3.3VIN inputs must be powered to insure rated current and RON is
met.
6
NIC
No internal connection. A voltage or signal applied to this pin will have no effect
on device operation.
7
C1
8
C2
9
C0
Control Pins
Outputs
C2
C1
C0
VCC
VPP1
VPP2
0
0
0
3.3 V
3.3 V
3.3 V
0
0
1
3.3 V
5.0 V
5.0 V
0
1
0
Hi-Z
Hi-Z
Hi-Z
0
1
1
Hi-Z
GND
Hi-Z
1
0
0
3.3 V
GND
5.0 V
1
0
1
3.3V
5V
GND
1
1
0
3.3V
GND
GND
1
1
1
GND
GND
GND
10
FAULT/
FAULT/ indicates the occurrence of a fault. FAULT/ is an open drain LOW true
output and goes low when any supply output is in current limit or if a thermal fault
occurs.
11
NIC
No internal connection. A voltage or signal applied to this pin will have no effect
on device operation.
12
VPP2
VPP2 output to CableCARD™ card.
13
14
VCC
VCC (3V main supply) output to CableCARD™ card. Both output pins should be
connected together.
15
NIC
No internal connection. A voltage or signal applied to this pin will have no effect
on device operation.
16
VPP1
VPP1 output to CableCARD™ card.


Similar Part No. - MIC2569_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2569YQS MICREL-MIC2569YQS Datasheet
720Kb / 16P
   CableCARD??Power Switch
More results

Similar Description - MIC2569_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2569 MICREL-MIC2569 Datasheet
720Kb / 16P
   CableCARD??Power Switch
logo
AiT Semiconductor Inc.
A4771A AITSEMI-A4771A Datasheet
1Mb / 12P
   POWER SWITCH 52m POWER DISTRIBUTION SWITCH
REV1.0 - OCT 2021
logo
ON Semiconductor
KA5X02XX ONSEMI-KA5X02XX Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
Toshiba Semiconductor
SSM6J07FU TOSHIBA-SSM6J07FU_07 Datasheet
180Kb / 5P
   Power Management Switch
SSM6L09FU TOSHIBA-SSM6L09FU_07 Datasheet
214Kb / 8P
   Power Management Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
   AC power switch
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
   AC Power Switch
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
   Power Selector Switch
Rev. A, 24-Jan-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com