Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2568-1BTS Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MIC2568-1BTS
Description  Dual-Slot PC Card/CardBus Power Controller Preliminary
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2568-1BTS Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MIC2568-1BTS Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2568-1BTS Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2568
Micrel
MIC2568
2
May 2003
Ordering Information
Operating
Part Number
Temperature Range
Package
Pb-Free
MIC2568-0BSM
–40
°C to +85°C
28-pin SSOP
MIC2568-1BSM
–40
°C to +85°C
28-pin SSOP
MIC2568-0YSM
–40
°C to +85°C
28-pin SSOP
X
MIC2568-1YSM
–40
°C to +85°C
28-pin SSOP
X
MIC2568-0BTS
–40
°C to +85°C
28-pin TSSOP
MIC2568-1BTS
–40
°C to +85°C
28-pin TSSOP
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC2568-0
MIC2568-1
1, 3 / 15, 17
1, 3 / 15, 17
A / B V
CC5 IN
5V Nominal Supply Input: Optional supply, switchable to V
CC and VPP
outputs.
2,26,28/12,14,16 2,26,28/12,14,16
A / B V
CC OUT
V
CC Output: 0V (ground), 3.3V, 5V, or high-impedance output. Pins 2, 26,
and 28 must be externally connected. Pins 12, 14, and 16 must be externally
connected.
4, 18
4, 18
GND
Ground.
5 / 19
5 / 19
A / B V
CC5 EN
V
CC 5V Enable (Input).
6 / 20
6 / 20
A / B V
CC3 EN
V
CC 3.3V Enable (Input).
7 / 21
A / B EN0
Enable 0: Micrel standard logic-control signal. MIC2568-0 only.
7 / 21
A / B V
PP_VCC
V
PP_VCC Control: Cirrus Logic logic-controller compatible control signal.
MIC2568-1 only.
8 / 22
A / B EN1
Enable 1: Micrel standard logic-control signal. MIC2568-0 only.
8 / 22
A / B V
PP_PGM
Program: Cirrus Logic-compatible control signal. MIC2568-1 only.
24 / 10
24 / 10
A / B V
PP OUT
V
PP Output: 0V (ground), 3.3V, 5V, or high-impedance output.
9, 11, 23, 25
9, 11, 23, 25
NC
Not internally connected.
27 / 13
27 / 13
A / B V
CC3 IN
3.3V Nominal Supply Input: Mandatory supply, switchable to V
CC and VPP
outputs. Also powers MIC2568 internal circuitry.
Pin Configuration
2
AVCC OUT
3
AVCC5 IN
4
GND
5
AVCC5 EN
6
AVCC3 EN
7
A EN0
1
AVCC5 IN
8
A EN1
9
NC
AVCC OUT
28
AVCC3 IN
27
AVCC OUT
26
NC
25
AVPP OUT
24
NC
23
10
BVPP OUT
22
21
20
19
BVCC5 EN
BVCC3 EN
B EN0
B EN1
11
18
12
17
13
16
14
15
* Denotes pinout differences. Duplicate pins must be connected together for proper operation.
Example: "A VCC5IN" pins 1 and 3 must be connected.
NC
BVCC OUT
BVCC3 IN
BVCC OUT
GND
BVCC5 IN
BVCC OUT
BVCC5 IN
2
AVCC OUT
3
AVCC5 IN
4
GND
5
AVCC5 EN
6
AVCC3 EN
7
AVPP_VCC
1
AVCC5 IN
8
AVPP_PGM
9
NC
AVCC OUT
28
AVCC3 IN
27
AVCC OUT
26
NC
25
AVPP OUT
24
NC
23
10
BVPP OUT
22
21
20
19
BVCC5 EN
BVCC3 EN
BVPP_VCC
BVPP_PGM
11
18
12
17
13
16
14
15
NC
BVCC OUT
BVCC3 IN
BVCC OUT
GND
BVCC5 IN
BVCC OUT
BVCC5 IN
MIC2568-0
MIC2568-1
*
*
*
*
*
*
*
*


Similar Part No. - MIC2568-1BTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
More results

Similar Description - MIC2568-1BTS

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com