Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2568-0BSM Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MIC2568-0BSM
Description  Dual-Slot PC Card/CardBus Power Controller Preliminary
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC2568-0BSM Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MIC2568-0BSM Datasheet HTML 1Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 2Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 3Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 4Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 5Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 6Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 7Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 8Page - MIC GROUP RECTIFIERS MIC2568-0BSM Datasheet HTML 9Page - MIC GROUP RECTIFIERS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MIC2568
Micrel
MIC2568
4
May 2003
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
CC Switching Time (See Figure 2)
t
9
Output Turn-On Delay Time,
V
CC OUT = 0V to 10% of 3.3V
300
1500
µs
t
10
Note 9
V
CC OUT = 0V to 10% of 5.0V
750
3000
µs
t
11
Output Rise Time, Note 9
V
CC OUT = 10% to 90% of 3.3V
200
700
2500
µs
t
12
V
CC OUT = 10% to 90% of 5V
200
1500
6000
µs
t
13
Output Fall Time, Note 9
V
CC OUT = 90% to 10% of 3.3V
100
300
1000
µs
t
14
V
CC OUT = 90% to 10% of 5.0V
100
600
2000
µs
t
15
Output Turnoff Delay, Notes 8, 9
V
CC OUT = 3.3V
0.65
2
ms
t
16
V
CC OUT = 5V
0.7
2
ms
Power Supply
I
CC5
V
CC5 IN Supply Current (5V)
V
CC OUT = 5V or 3.3V, ICC OUT = 0
8
50
µA
Note 5
V
CC OUT = 0V (sleep mode)
0.2
10
µA
I
CC3
V
CC3 IN Supply Current (3.3V)
V
CC OUT = 5V or 3.3V, ICC OUT = 0
40
100
µA
Note 6
V
CC OUT = 0V (sleep mode)
0.1
10
µA
Thermal Shutdown
T
SD
Thermal Shutdown Temperature
140
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Specification for packaged product only.
Note 5.V
CC5 IN is not required for operation.
Note 6.
V
CC3 IN powers all internal logic, bias, and drive circuitry, and is required for operation.
Note 7.
R
L = 1kΩ connected to ground.
Note 8.
Measurement is from the Hi-Z- or 0V-state command to the beginning of the slope. Measurement does not apply when device is in current
limit or thermal shutdown.
Note 9.
R
L = 10Ω connected to ground.


Similar Part No. - MIC2568-0BSM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
More results

Similar Description - MIC2568-0BSM

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2566 MICREL-MIC2566 Datasheet
83Kb / 10P
   Single-Slot PC Card/CardBus Power Controller
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com