Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6603 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6603
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6603 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6603 Datasheet HTML 1Page - Sanyo Semicon Device MCH6603 Datasheet HTML 2Page - Sanyo Semicon Device MCH6603 Datasheet HTML 3Page - Sanyo Semicon Device MCH6603 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6446-3/4
MCH6603
10
--0.01
--0.1
23
5
7
2
3
1000
100
7
5
3
2
7
5
3
2
RDS(on) -- ID
VGS=--2.5V
10
--0.001
--0.01
23
5
7
2
3
100
7
5
3
2
RDS(on) -- ID
VGS=--1.5V
IT00094
IT00095
Ta=75
°C
25
°C
--25
°C
Ta=75
°C
25
°C
--25
°C
0
0
--1
--2
0.2
--3
--4
--5
--6
--7
0.6
0.4
--8
--9
1.0
0.8
--10
1.4
1.2
1.6
VGS -- Qg
SW Time -- ID
VDS=--10V
ID=--70mA
--0.01
10
--0.1
23
5
7
100
7
5
3
2
7
5
3
2
1000
VDD=--25V
VGS =--4V
0
0.1
1.0
--10
--5
10
7
5
3
2
7
5
3
2
7
5
3
2
--20
--15
--30
--25
100
--40
--35
--50
--45
Ciss, Coss, Crss -- VDS
f=1MHz
--0.5
--0.8
--0.9
--1.0
--1.1
--0.6
--0.7
--0.01
--0.1
5
3
2
7
5
3
2
--1.2
VGS=0
IF -- VSD
IT00098
IT00100
IT00101
IT00099
Ciss
Coss
Crss
td(on)
td(off)
tr
tf
0.01
--0.01
--0.1
23
5
7
23
0.1
1.0
7
5
3
2
7
5
3
2
yfs -- ID
VDS=--10V
--60
10
--40
15
--20
20
0
25
30
20
35
40
60
40
80
100
120
140
160
RDS(on) -- Ta
IT00096
IT00097
I D
=--20mA,
V GS
=--2.5V
I D
=--40mA,
V GS
=--4.0V
Ta=--25°
C
75°C
25°C
Drain Current, ID –A
Drain Current, ID –A
Ambient Temperature, Ta – ˚C
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC


Similar Part No. - MCH6603

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6603 SANYO-MCH6603 Datasheet
43Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6603 ONSEMI-MCH6603 Datasheet
264Kb / 6P
   P-Channel Power MOSFET
August, 2013
logo
Sanyo Semicon Device
MCH6603-TL-H SANYO-MCH6603-TL-H Datasheet
491Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6603-TL-H ONSEMI-MCH6603-TL-H Datasheet
264Kb / 6P
   P-Channel Power MOSFET
August, 2013
logo
Sanyo Semicon Device
MCH6603 SANYO-MCH6603_06 Datasheet
43Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - MCH6603

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com