Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2537-2BM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2537-2BM
Description  Quad Power Distribution Switch Quad Power Distribution Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2537-2BM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2537-2BM Datasheet HTML 4Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 9Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 10Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 11Page - Micrel Semiconductor MIC2537-2BM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC2537
Micrel
December 1999
10
MIC2537
USB Voltage Regulation
USB specifications require a minimum downstream voltage
supply of 4.40V from a bus-powered hub port (See
Applica-
tion Note 17 for details). The USB specification allows for a
100mV drop across the hub, leaving 250mV for PCB, up-
stream cable, and connector resistance. Therefore, the on-
resistance of the switch for each port, not including PCB
resistance, must be about 100mV
÷ 100mA = 1Ω. The
MIC2537 has a maximum on-resistance of 700m
Ω, which
easily satisfies this requirement.
Overcurrent Indication
The USB Specification does not require bus-powered hubs to
report overcurrent conditions to the host since the hub is
already current-limited at the upstream port. However, if it is
desired to report overcurrent, the Hub Descriptor Status
Register must be programmed to indicate this. The MIC2537
provides a flag output for this application.


Similar Part No. - MIC2537-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537-2BM MICREL-MIC2537-2BM Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
More results

Similar Description - MIC2537-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2027 MICREL-MIC2027_06 Datasheet
1Mb / 17P
   Quad USB Power Distribution Switch
logo
Texas Instruments
LM3544 TI1-LM3544 Datasheet
818Kb / 15P
[Old version datasheet]   Quad Port USB Power Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
logo
Texas Instruments
TPS2090 TI-TPS2090 Datasheet
314Kb / 19P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
   POWER DISTRIBUTION SWITCH
logo
Texas Instruments
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI1-TPS2044_14 Datasheet
617Kb / 28P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
   POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
   Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com