Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2536-1BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2536-1BM
Description  Dual USB Power Distribution Switch Final Information
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2536-1BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2536-1BM Datasheet HTML 1Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 2Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 3Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 4Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 5Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 6Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 7Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 8Page - Micrel Semiconductor MIC2536-1BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MIC2536
4
March 2000
MIC2536
Micrel
Test Circuit
Device
Under
Test
CL
OUT
RL
VOUT
Functional Characteristics Test Circuit
Timing Diagrams
90%
VOUT
10%
90%
10%
tr
tf
Output Rise and Fall Times
VEN
50%
90%
VOUT
10%
tOFF
tON
Active-High Switch Delay Times (MIC2536-1)
VEN
50%
90%
VOUT
10%
tOFF
tON
Active-Low Switch Delay Times (MIC2536-2)


Similar Part No. - MIC2536-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2536-1BM MICREL-MIC2536-1BM Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2536-1BM MICREL-MIC2536-1BM Datasheet
115Kb / 13P
   Dual USB Power Distributibution Switch Final Information
MIC2536-1BMM MICREL-MIC2536-1BMM Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2536-1BMM MICREL-MIC2536-1BMM Datasheet
115Kb / 13P
   Dual USB Power Distributibution Switch Final Information
More results

Similar Description - MIC2536-1BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2536-1YM MICREL-MIC2536-1YM Datasheet
115Kb / 13P
   Dual USB Power Distributibution Switch Final Information
MIC2536 MICREL-MIC2536 Datasheet
132Kb / 12P
   Dual USB Power Distribution Switch Preliminary Information
MIC2027 MICREL-MIC2027 Datasheet
550Kb / 16P
   Quad USB Power Distribution Switch Preliminary Information
MIC2026 MICREL-MIC2026 Datasheet
175Kb / 16P
   Dual-Channel Power Distribution Switch Preliminary Information
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
First Silicon Co., Ltd
FC9516A FS-FC9516A Datasheet
796Kb / 12P
   USB Power-Distribution Switch
FC9521 FS-FC9521 Datasheet
691Kb / 8P
   USB Power-Distribution Switch
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537 Datasheet
88Kb / 12P
   Quad Power Distribution Switch Preliminary Information
logo
Unisonic Technologies
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
   Single/Dual Channel USB 3.0 Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com