Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2299 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2299
Description  3.5A Minimum, 2MHz High Brightness LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2299 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2299_11 Datasheet HTML 1Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 2Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 3Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 4Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 5Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 6Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 7Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 8Page - Micrel Semiconductor MIC2299_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC2299
October 2007
4
M9999-101907-B
Typical Characteristics
0
2
4
6
8
10
12
14
16
024
68
10
SUPPLY VOLTAGE (V)
Input Current
vs. Supply Voltage
1.8
1.9
2.0
2.1
2.2
2.3
2.4
TEMPERATURE (°C)
UVLO
vs. Temperature
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2
345
6789 10 11
SUPPLY VOLTAGE (V)
Switching Frequency
vs. Supply Voltage
TCASE - 25°C
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Switching Frequency
vs. Temperature
TEMPERATURE (°C)
160
170
180
190
200
210
220
230
240
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
LED Current vs.
Supply Voltage (BRT-GND)
TCASE - 30°C
950
960
970
980
990
1000
1010
1020
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
LED Current vs.
Supply Voltage (BRT Open)
TCASE - 30°C
475
480
485
490
495
500
505
510
515
520
525
2.5
3
3.5
4
4.5
5
5.5
6
SUPPLY VOLTAGE (V)
LED Current vs.
Supply Voltage (RBRT-50k)
TCASE - 30°C
950
960
970
980
990
1000
1010
1020
-40 -20
0
20 40 60 80 100
TEMPERATURE (C)
LED Current vs.
Temperature (BRT Open)
VIN = 3V
0
100
200
300
400
500
600
700
800
900
1000
1100
LED Current
vs. DIM Voltage
0
200
DIM VOLTAGE (mV)
40
80
120
160
50
55
60
65
70
75
80
85
90
95
2.5 3 3.5 4 4.5 5 5.5 6 6.5
SUPPLY VOLTAGE (V)
Efficiency vs.
Supply Voltage (BRT Open)
50
55
60
65
70
75
80
85
90
2.5 3 3.5 4 4.5 5 5.5 6 6.5
SUPPLY VOLTAGE (V)
Efficiency vs.
Supply Voltage (BRT-GND)
0
50
100
150
200
250
300
350
400
450
0 0.5 1 1.5 2 2.5 3 3.5 4
SWITCHING CURRENT (A)
VCSAT
vs. Switching Current


Similar Part No. - MIC2299_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2299-15YML MICREL-MIC2299-15YML Datasheet
542Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
More results

Similar Description - MIC2299_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2299 MICREL-MIC2299 Datasheet
542Kb / 14P
   3.5A Minimum, 2MHz High Brightness LED Driver
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
MIC2298 MICREL-MIC2298 Datasheet
427Kb / 13P
   3.5A Minimum, 1MHz Boost High Brightness White LED Driver
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
   UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
   Hysteretic, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com