Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP1FAV50RK0F Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP1FAV50RK0F
Description  Fiber Optic Receiver Square connector With mounting hole Protection cap type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1FAV50RK0F Datasheet(HTML) 8 Page - Sharp Corporation

  GP1FAV50RK0F Datasheet HTML 1Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 2Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 3Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 4Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 5Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 6Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 7Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 8Page - Sharp Corporation GP1FAV50RK0F Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
GP1FAV50RK0F
Packing Specifications
TRAY
PRODUCT
Cross
section of tray
PACKING METHOD
Each tray holds 200 pieces.
PACKING MATERIAL
Tray : Polystyrene
PRODUCT
Presence of ODC etc.
This product shall not contain the following materials.
And they are not used in the production process for this product.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBB and PBDE are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
• Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB),
Polybrominated diphenyl ethers (PBDE).
Sheet No.: E2-A01201EN
8


Similar Part No. - GP1FAV50RK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
   Cost competitive, Popular type Optical Fiber Transmitter
GP1FAV50TK0F SHARP-GP1FAV50TK0F_06 Datasheet
334Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole Protection cap type
More results

Similar Description - GP1FAV50RK0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1FAV30RK0F SHARP-GP1FAV30RK0F Datasheet
328Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole Protection cap type
GP1FAV50TK0F SHARP-GP1FAV50TK0F_06 Datasheet
334Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole Protection cap type
GP1FAV30TK0F SHARP-GP1FAV30TK0F Datasheet
334Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole Protection cap type
GP1FAV31RK0F SHARP-GP1FAV31RK0F Datasheet
329Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FAV51RK0F SHARP-GP1FAV51RK0F Datasheet
349Kb / 9P
   Fiber Optic Receiver Square connector With mounting hole With shutter
GP1FMV51RK0F SHARP-GP1FMV51RK0F Datasheet
343Kb / 9P
   Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
GP1FMV31RK0F SHARP-GP1FMV31RK0F Datasheet
323Kb / 9P
   Fiber Optic Receiver Square connector Compact (without mounting hole) With shutter
GP1FAV51TK0F SHARP-GP1FAV51TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV55TK0F SHARP-GP1FAV55TK0F Datasheet
336Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
GP1FAV31TK0F SHARP-GP1FAV31TK0F Datasheet
338Kb / 8P
   Fiber Optic Transmitter Square connector With mounting hole With shutter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com