Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC281 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC281
Description  Low-Cost IttyBitty??Thermal Sensor IttyBitty
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC281 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC281 Datasheet HTML 3Page - Micrel Semiconductor MIC281 Datasheet HTML 4Page - Micrel Semiconductor MIC281 Datasheet HTML 5Page - Micrel Semiconductor MIC281 Datasheet HTML 6Page - Micrel Semiconductor MIC281 Datasheet HTML 7Page - Micrel Semiconductor MIC281 Datasheet HTML 8Page - Micrel Semiconductor MIC281 Datasheet HTML 9Page - Micrel Semiconductor MIC281 Datasheet HTML 10Page - Micrel Semiconductor MIC281 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
November 2004
7
MIC281
MIC281
Micrel
Slave Address
The MIC281 will only respond to its own unique slave ad-
dress. A match between the MIC281’s address and the
address specified in the serial bit stream must be made to
initiate communication. The MIC281’s slave address is fixed
at the time of manufacture. Eight different slave addresses
are available as determined by the part number. See Table
2 below and the Ordering Information table.
Part Number
Slave Address
MIC281-0BM6
1001 000xb = 90h
MIC281-1BM6
1001 001xb = 92h
MIC281-2BM6
1001 010xb = 94h
MIC281-3BM6
1001 011xb = 96h
MIC281-4BM6
1001 100xb = 98h
MIC281-5BM6
1001 101xb = 9Ah
MIC281-6BM6
1001 110xb = 9Ch
MIC281-7BM6
1001 111xb = 9Eh
Table 2. MIC281 Slave Addresses
Temperature Data Format
Theleast-significantbitofthetemperatureregisterrepresents
one degree Centigrade. The values are in a two’s comple-
ment format, wherein the most significant bit (D7) represents
the sign: zero for positive temperatures and one for negative
temperatures. Table 3 shows examples of the data format
used by the MIC281 for temperatures.
Temperature
Binary
Hex
+127°C
0111 1111
7F
+125°C
0111 1101
7D
+25°C
0001 1001
19
+1°C
0000 0001
01
0°C
0000 0000
00
–1°C
1111 1111
FF
–25°C
1110 0111
E7
–125°C
1000 0011
83
–128°C
1000 0000
80
Table 3. Digital Temperature Format
Diode Faults
The MIC281 is designed to respond in a failsafe manner to
diode faults. If an internal or external fault occurs in the tem-
perature sensing circuitry, such as T1 being open or shorted
to VDD or GND, the temperature result will be reported as the
maximum full-scale value, +127°C. Note that diode faults will
notbedetecteduntilthefirstA/Dconversioncycleiscompleted
following power-up or exiting shutdown mode.
Shutdown Mode
Setting the shutdown bit in the configuration register will
cause the MIC281 to cease operation. The A/D converter will
stop and power consumption will drop to the ISHDN level. No
registers will be affected by entering shutdown mode. The
last temperature reading will persist in the TEMP register.


Similar Part No. - MIC281

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281-0BM6 MICREL-MIC281-0BM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281-0YM6 MICREL-MIC281-0YM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281-0YM6 MICREL-MIC281-0YM6 Datasheet
693Kb / 14P
   Low-Cost IttyBitty??Thermal Sensor
MIC281-1BM6 MICREL-MIC281-1BM6 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
More results

Similar Description - MIC281

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC281 MICREL-MIC281 Datasheet
171Kb / 12P
   Low-Cost IttyBitty Thermal Sensor IttyBitty
MIC281 MICREL-MIC281_14 Datasheet
693Kb / 14P
   Low-Cost IttyBitty??Thermal Sensor
MIC280 MICREL-MIC280_14 Datasheet
865Kb / 28P
   Precision IttyBitty??Thermal Supervisor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC6270 MICREL-MIC6270_08 Datasheet
148Kb / 4P
   IttyBitty Comparator
MIC6211 MICREL-MIC6211_06 Datasheet
972Kb / 7P
   IttyBitty Operational Amplifier
MIC4416 MICREL-MIC4416_05 Datasheet
121Kb / 10P
   IttyBitty??Low-Side MOSFET Driver
MIC4416 MICREL-MIC4416 Datasheet
107Kb / 9P
   IttyBitty??Low-Side MOSFET Driver
MIC2660 MICREL-MIC2660 Datasheet
93Kb / 8P
   IttyBitty Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com