Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH6303 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH6303
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6303 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH6303 Datasheet HTML 1Page - Sanyo Semicon Device MCH6303 Datasheet HTML 2Page - Sanyo Semicon Device MCH6303 Datasheet HTML 3Page - Sanyo Semicon Device MCH6303 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCH6303
No.6778-3/4
--0.1
1.0
--1.0
23
5
7
2
3
100
7
5
3
2
10
7
5
3
2
VDD= --10V
VGS= --4V
td(on)
td(off)
t r
tf
IT01638
IT01637
0
--0.6
--0.4
--0.2
--0.8
--1.0
--1.2
--1.4
--0.1
--1.0
7
5
3
2
5
3
2
VGS=0
0
0
--1
--2
--3
--4
--5
--6
--7
--8
8
7
6
34
5
12
--9
--10
VDS= --10V
ID= --2A
IT01640
0
10
--2
100
--4
--6
1000
7
5
3
2
7
5
3
2
--8
--20
--10
--12
--14
--16
--18
IT01639
IT01636
--0.01
0.1
--0.1
23
5
7
--1.0
23
5
7
2
3
10
1.0
7
5
3
2
7
5
3
2
VDS= --10V
75
°C
25
°C
Ta=
--25
°C
100ms
DC
operation
10ms
1ms
IDP= --8A
2
2
3
5
7
2
3
5
7
2
3
5
7
--10
--1.0
--0.1
--0.01
23
5
7
2
3
2
3
57
--0.1
--1.0
--10
IT02524
<10
µs
Operation in
this area is
limited by RDS(on).
ID= --2A
0
0
20
40
60
80
100
120
1.5
1.4
1.0
0.5
2.0
140
160
IT02525
f=1MHz
Ciss
Coss
Crss
Amibient Tamperature, Ta --
°C
PD -- Ta
yfs -- ID
Drain Current, ID -- A
IF -- VSD
Diode Forward Voltage, VSD -- V
A S O
Drain-to-Source Voltage, VDS -- V
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm
2!0.8mm)
Mounted
on
a ceramic
board(900mm
2
!
0.8mm)
Drain Current, ID -- A
SW Time -- ID
VGS -- Qg
Total Gate Charge, Qg -- nC
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V


Similar Part No. - MCH6303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6302 SANYO-MCH6302 Datasheet
30Kb / 4P
   Ultrahigh-Speed Switching Applications
MCH6305 SANYO-MCH6305 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
MCH6305-TL VBSEMI-MCH6305-TL Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Sanyo Semicon Device
MCH6306 SANYO-MCH6306 Datasheet
53Kb / 4P
   MCH6306
logo
VBsemi Electronics Co.,...
MCH6306 VBSEMI-MCH6306 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - MCH6303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com