Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GA1A2S100LY Datasheet(PDF) 4 Page - Sharp Corporation

Part # GA1A2S100LY
Description  OPIC??Linear Output Ambient Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GA1A2S100LY Datasheet(HTML) 4 Page - Sharp Corporation

  GA1A2S100LY Datasheet HTML 1Page - Sharp Corporation GA1A2S100LY Datasheet HTML 2Page - Sharp Corporation GA1A2S100LY Datasheet HTML 3Page - Sharp Corporation GA1A2S100LY Datasheet HTML 4Page - Sharp Corporation GA1A2S100LY Datasheet HTML 5Page - Sharp Corporation GA1A2S100LY Datasheet HTML 6Page - Sharp Corporation GA1A2S100LY Datasheet HTML 7Page - Sharp Corporation GA1A2S100LY Datasheet HTML 8Page - Sharp Corporation GA1A2S100LY Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Sheet No.: D1-A00501EN
4
GA1A2S100SS/GA1A2S100LY
■ Detector Shape
■ Absolute Maximum Ratings
*1 Within 5 s (MAX.), no closer than 1.4 mm from edge.
■ Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
-0.3 to +7.0
V
Output current
IO
5mA
Operating temperature
Topr
-40 to +85°C
Storage temperature
Tstg
-40 to +85°C
Soldering temperature *1
Tsol
260
°C
Parameter
Symbol
MIN.
MAX.
Unit
Operating Supply Voltage
VCC
2.7
3.6
V
Output Voltage
VOUT
0
VCC – 1.0
V
Illuminance Range
EV
10
10000
lx
328
Center of light detection
(PDB center)
PDA
center
Detector
chip
NOTE: Unit: µm
328
PDC
center
(Ta = 25°C)
(Ta = 0°C to 70°C)


Similar Part No. - GA1A2S100LY

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GA1A1S202WP SHARP-GA1A1S202WP Datasheet
1Mb / 18P
   Optoelectronics Specification
GA1A1S203WP SHARP-GA1A1S203WP Datasheet
1Mb / 1P
   Ambient Light Sensor
GA1A1S204WP SHARP-GA1A1S204WP Datasheet
573Kb / 18P
   GA1A1S204WP OPIC Light Detector
logo
NEC
GA1A3Q NEC-GA1A3Q Datasheet
178Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR
logo
Renesas Technology Corp
GA1A3Q RENESAS-GA1A3Q Datasheet
302Kb / 6P
   SILICON TRANSISTOR
1988
More results

Similar Description - GA1A2S100LY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
IS455 SHARP-IS455 Datasheet
56Kb / 4P
   Linear Output Type OPIC Light Detector
IS445 SHARP-IS445 Datasheet
66Kb / 2P
   LINEAR OUTPUT TYPE OPIC LIGHT DETECTOR
IS474 SHARP-IS474 Datasheet
66Kb / 5P
   Linear Output Type OPIC Light Detector
logo
KODENSHI_AUK CORP.
KOE1023A KODENSHI-KOE1023A Datasheet
169Kb / 3P
   Digital Output Ambient Light Sensor
logo
Rohm
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
logo
ON Semiconductor
LV0111CF ONSEMI-LV0111CF_15 Datasheet
170Kb / 7P
   Ambient Light Sensor, Logarithmic Current Output
April 2015- Rev. 1
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com