Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-V4K3OR3D-S Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-V4K3OR3D-S
Description  3.7x5.2mm Oval LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-V4K3OR3D-S Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-V4K3OR3D-S Datasheet HTML 1Page - A-BRIGHT Inc AL-V4K3OR3D-S Datasheet HTML 2Page - A-BRIGHT Inc AL-V4K3OR3D-S Datasheet HTML 3Page - A-BRIGHT Inc AL-V4K3OR3D-S Datasheet HTML 4Page - A-BRIGHT Inc AL-V4K3OR3D-S Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-V4K3OR3D-S
Diff No.
3.7x5.2
mm
Oval
Type : LED Lamps
2009/2/25
1
Notes:
1. All dimensions are in millimeter.
2.An epoxy meniscus may extend about.
1. 5mm(0.059”) down to the lead
3.Tolerances unless Dimension ±0.25mm
Package Dimension︰
Features︰
Descriptions︰
Applications︰
Choice of various
viewing angles.
Available on Tape
and Reel.
Reliable and
robust.
The series is
specially designed
for application
requiring higher
brightness.
The LED lamps
are available with
different colors,
intensity, epoxy
colors etc.
TV set
Monitor
Telephone


Similar Part No. - AL-V4K3OR3D-S

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-V4K3ART A-BRIGHT-AL-V4K3ART Datasheet
311Kb / 5P
   3.7x5.2mm Oval LED Lamps
2006/9/20
AL-V4K3B4D-S A-BRIGHT-AL-V4K3B4D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/10
AL-V4K3UG3D-S A-BRIGHT-AL-V4K3UG3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/3
AL-V4K3UY3D-S A-BRIGHT-AL-V4K3UY3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/2/25
AL-V4K3W3W-S A-BRIGHT-AL-V4K3W3W-S Datasheet
249Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/3
More results

Similar Description - AL-V4K3OR3D-S

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-V4K3UY3D-S A-BRIGHT-AL-V4K3UY3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/2/25
AL-V4K3UG3D-S A-BRIGHT-AL-V4K3UG3D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/3
AL-V4K3W3W-S A-BRIGHT-AL-V4K3W3W-S Datasheet
249Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/3
AL-V4K3B4D-S A-BRIGHT-AL-V4K3B4D-S Datasheet
248Kb / 5P
   3.7x5.2mm Oval LED Lamps
2009/3/10
AL-V4K3ART A-BRIGHT-AL-V4K3ART Datasheet
311Kb / 5P
   3.7x5.2mm Oval LED Lamps
2006/9/20
logo
LIGITEK electronics co....
LDGM23533 LIGITEK-LDGM23533 Datasheet
78Kb / 6P
   OVAL TYPE LED LAMPS
LDGM32840-P1 LIGITEK-LDGM32840-P1 Datasheet
127Kb / 6P
   OVAL TYPE LED LAMPS
LDBK43743 LIGITEK-LDBK43743 Datasheet
112Kb / 6P
   OVAL TYPE LED LAMPS
logo
A-BRIGHT Inc
AL-V7K3B4D-S A-BRIGHT-AL-V7K3B4D-S Datasheet
248Kb / 5P
   4.6x5.2mm Oval LED Lamps
2009/3/10
AL-V7K3W3W-S A-BRIGHT-AL-V7K3W3W-S Datasheet
248Kb / 5P
   4.6x5.2mm Oval LED Lamps
2009/3/3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com