Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-HUBG6B434T Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-HUBG6B434T
Description  Full Color Chip LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HUBG6B434T Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-HUBG6B434T Datasheet HTML 1Page - A-BRIGHT Inc AL-HUBG6B434T Datasheet HTML 2Page - A-BRIGHT Inc AL-HUBG6B434T Datasheet HTML 3Page - A-BRIGHT Inc AL-HUBG6B434T Datasheet HTML 4Page - A-BRIGHT Inc AL-HUBG6B434T Datasheet HTML 5Page - A-BRIGHT Inc AL-HUBG6B434T Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HUBG6B434T
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Value
Parameter
Emitted
Color
Test
Condition
Symbol
MIN. TYP. MAX.
Unit
R
2.0
2.4
G
3.2
3.6
Forward voltage
B
IF=20mA
VF
3.2
3.6
V
R
90
G
180
Luminous intensity
B
IF=20mA
IV
50
mcd
R
632
G
518
B
λp
468
R
624
G
525
Wavelength
B
IF=20mA
λd
470
nm
R
20
G
35
Spectral Line Half-Width
B
IF=20mA
λ
35
nm
R
60
G
100
Peak pulsing current (1/10 duty f=1kHz)
B
IF=20mA
IFP
100
mA
R
60
G
110
Power Dissipation
B
IF=20mA
PD
110
mW
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Viewing angle at 50% Iv
2θ1/2
100
Deg
Forward current
IF
25
mA
Reverse voltage
VR
5
V
Reverse current
IR
50
μA
Operating temperature range
Top
-40 ~+85
Storage temperature range
Tstg
-40 ~+90


Similar Part No. - AL-HUBG6B434T

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T Datasheet
340Kb / 7P
   Full Color Chip LED Lamps
2007/6/13
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T_09 Datasheet
272Kb / 6P
   Full Color Chip LED Lamps
More results

Similar Description - AL-HUBG6B434T

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T_09 Datasheet
272Kb / 6P
   Full Color Chip LED Lamps
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T Datasheet
340Kb / 7P
   Full Color Chip LED Lamps
2007/6/13
AL-HD1G6B433T A-BRIGHT-AL-HD1G6B433T Datasheet
320Kb / 5P
   Full Color Chip LED Lamps
2007/6/13
logo
List of Unclassifed Man...
LEF-C5002T ETC1-LEF-C5002T Datasheet
63Kb / 1P
   FULL COLOR LED LAMPS
logo
Lucky Light Electronic
GB-U42 LUCKY-LIGHT-GB-U42 Datasheet
43Kb / 1P
   Full-Color LED Lamps
logo
List of Unclassifed Man...
LEF-C5001T ETC-LEF-C5001T Datasheet
59Kb / 1P
   FULL COLOR LED LAMPS
LEF-C5004T ETC1-LEF-C5004T Datasheet
59Kb / 2P
   FULL COLOR LED LAMPS
logo
Everlight Electronics C...
19-237B-R6GHBHC-C01-2T EVERLIGHT-19-237B-R6GHBHC-C01-2T Datasheet
236Kb / 12P
   Full Color Chip LED
19-237A-BHR6GHC-A01-2T EVERLIGHT-19-237A-BHR6GHC-A01-2T Datasheet
227Kb / 12P
   Full Color Chip LED
23-23B-R6GHBHC-A01-2A EVERLIGHT-23-23B-R6GHBHC-A01-2A Datasheet
222Kb / 12P
   Full Color Chip LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com