Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-HG635A Datasheet(PDF) 4 Page - A-BRIGHT Inc

Part # AL-HG635A
Description  0805 Package Pure Green SMD Chip LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-HG635A Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AL-HG635A_09 Datasheet HTML 1Page - A-BRIGHT Inc AL-HG635A_09 Datasheet HTML 2Page - A-BRIGHT Inc AL-HG635A_09 Datasheet HTML 3Page - A-BRIGHT Inc AL-HG635A_09 Datasheet HTML 4Page - A-BRIGHT Inc AL-HG635A_09 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: AL-HG635A


Similar Part No. - AL-HG635A_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HG635A A-BRIGHT-AL-HG635A Datasheet
344Kb / 5P
   Green SMD Chip LED Lamps (1.0mm Height)
2006/10/11
More results

Similar Description - AL-HG635A_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HGD35A A-BRIGHT-AL-HGD35A_09 Datasheet
207Kb / 5P
   0805 Package Yellow Green SMD Chip LED Lamps
2009/02/19
AL-HW435A A-BRIGHT-AL-HW435A_09 Datasheet
206Kb / 5P
   0805 Package White SMD Chip LED Lamps
AL-HKB35A A-BRIGHT-AL-HKB35A_09 Datasheet
207Kb / 5P
   0805 Package Yellow SMD Chip LED Lamps
AL-HUB35A A-BRIGHT-AL-HUB35A_09 Datasheet
207Kb / 5P
   0805 Package Red SMD Chip LED Lamps
AL-HB435A A-BRIGHT-AL-HB435A_09 Datasheet
207Kb / 5P
   0805 Package Blue SMD Chip LED Lamps
AL-HG636A A-BRIGHT-AL-HG636A_09 Datasheet
207Kb / 5P
   0603 Package Pure Green SMD Chip LED Lamps (0.6mm Height)
AL-HG636D A-BRIGHT-AL-HG636D_09 Datasheet
207Kb / 5P
   0603 Package Pure Green SMD Chip LED Lamps (0.8mm Height)
AL-HG435A A-BRIGHT-AL-HG435A Datasheet
344Kb / 5P
   0805 Package Bluish Green SMD Chip LED Lamps (1.0mm Height)
2006/10/11
logo
Bivar, Inc.
SM0805PGC BIVAR-SM0805PGC Datasheet
634Kb / 5P
   SURFACE MOUNT LED PURE GREEN, 0805 PACKAGE
Revision A 03/09
logo
List of Unclassifed Man...
AL-HY035A ETC-AL-HY035A Datasheet
775Kb / 5P
   0805 YELLOW SMD Chip LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com