Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4SPS502 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SPS502
Description  SURMOUNTTM PIN Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SPS502 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4SPS502 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SPS502 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SPS502 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SPS502 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SURMOUNTTM PIN Diode
Rev. V2
MA4SPS502
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Electrical Specifications @ TAMB = +25°C
Symbol
Conditions
Units
Min.
Typical
Max.
CT
-40V, 1MHz
pF
0.140
0.200
-40V, 1GHz
pF
0.090
RS
100mA, 100MHz
1.4
2.2
20mA, 100MHz
2.4
3.2
VF
10mA
V
0.87
1.00
VR
10μA
V
| -200 |
| -275 |
-200V
μA
| -10 |
-40V
nA
8
θJL
Steady State
°C/W
50
TL
+10mA / -6mA
( 50% - 90% V )
μS
2.8
IR
Handling
All semiconductor chips should be handled with care
to avoid damage or contamination from perspiration
and skin oils. The use of plastic tipped tweezers or
vacuum pickups is strongly recommended for individ-
ual components. Bulk handling should ensure that
abrasion and mechanical shock are minimized.
Die Attach
Attachment to a circuit board is made simple through
the use of surface mount technology. Mounting pads
are conveniently located on the bottom surface of
these devices and are removed from the active junc-
tion locations. These devices are well suited for solder
attachment onto hard and soft substrates. The use of
80/20, Au/Sn or RoHS compliant solders is recom-
mended. A conductive silver epoxy
may also be
used .
When soldering these devices to a hard substrate, hot gas
die bonding is preferred. We recommend utilizing a vac-
uum tip and force of 60 to 100 grams applied to the top
surface of the device. When soldering to soft substrates, it
is recommended to use a Gold-Tin interface at the circuit
board mounting pads. Position the device so that its
mounting pads are force aligned with the circuit board
mounting pads and reflow the solder by heating the circuit
trace near the mounting pads while applying 60 to 100
grams of perpendicular to the top surface of the die.
The solder joint must not be made one pad at a time.
Doing so could create unequal heat flow and produce
thermal and/or mechanical stresses. It is also not recom-
mended to reflow solder by causing heat to flow through
the top surface of the die. Since the HMIC glass is trans-
parent, the edges of the mounting pads can be visually
inspected through the die after attach is completed.


Similar Part No. - MA4SPS502

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SPS502 MACOM-MA4SPS502 Datasheet
126Kb / 3P
   Surface Mount Monolithic PIN Diode Chip
logo
M/A-COM Technology Solu...
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
   SURMOUNTTM PIN Diode
logo
Tyco Electronics
MA4SPS502 MACOM-MA4SPS502_1 Datasheet
144Kb / 4P
   SURMOUNT PIN Diode
logo
M/A-COM Technology Solu...
MA4SPS502 MA-COM-MA4SPS502_15 Datasheet
152Kb / 4P
   SURMOUNT PIN Diode
More results

Similar Description - MA4SPS502

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4SPS552-V1 MA-COM-MA4SPS552-V1 Datasheet
146Kb / 6P
   SURMOUNTTM PIN Diode
MA4SPS302-V4 MA-COM-MA4SPS302-V4 Datasheet
125Kb / 4P
   SURMOUNTTM PIN Diode
MA4SPS402 MA-COM-MA4SPS402 Datasheet
210Kb / 7P
   SURMOUNTTM PIN Diode
MA4SPS502 MA-COM-MA4SPS502 Datasheet
152Kb / 4P
   SURMOUNTTM PIN Diode
MA4SPS552 MA-COM-MA4SPS552 Datasheet
146Kb / 6P
   SURMOUNTTM PIN Diode
MA4SPS402_V6 MA-COM-MA4SPS402_V6 Datasheet
210Kb / 7P
   SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS302_V4 MA-COM-MA4SPS302_V4 Datasheet
125Kb / 4P
   SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS302 MA-COM-MA4SPS302 Datasheet
107Kb / 4P
   SURMOUNTTM PIN Diode RoHS Compliant
MA4SPS402 MA-COM-MA4SPS402 Datasheet
161Kb / 7P
   SURMOUNTTM PIN Diode RoHS Compliant
MADP-042XX5-13060 MA-COM-MADP-042XX5-13060 Datasheet
140Kb / 4P
   SURMOUNTTM PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com