Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-513W2C-A Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AL-513W2C-A
Description  5 mm Round LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-513W2C-A Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AL-513W2C-A_06 Datasheet HTML 1Page - A-BRIGHT Inc AL-513W2C-A_06 Datasheet HTML 2Page - A-BRIGHT Inc AL-513W2C-A_06 Datasheet HTML 3Page - A-BRIGHT Inc AL-513W2C-A_06 Datasheet HTML 4Page - A-BRIGHT Inc AL-513W2C-A_06 Datasheet HTML 5Page - A-BRIGHT Inc AL-513W2C-A_06 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-513W2C-A
Diff No.
5mm
Round
Type : LED Lamps
2006/9/27
2
Chip
PART NO.
Material
Emitted Color
Lens Color
AL-513W2C-A
InGaN
White
Water Clear
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +85
Soldering Temperature
Tsol
260 ±5
Electrostatic Discharge
ESD
1000
V
Power Dissipation
PD
120
mW
Peak Forward Current
(Duty 1/10@1KHz)
IF (Peak)
100
mA
Reverse Voltage
VR
5
V
Electronic Optical Characteristics︰
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
2400
3500
mcd
IF=20mA
Viewing Angle
2θ1/2
30
deg
IF=20mA
X
0.31
IF=20mA
Chromaticity Coordinates
Y
0.32
IF=20mA
Forward Voltage
VF
3.2
3.5
V
IF=20mA
Reverse Current
IR
50
µA
VR=5V


Similar Part No. - AL-513W2C-A_06

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513W2C-A A-BRIGHT-AL-513W2C-A Datasheet
319Kb / 6P
   5 mm Round LED Lamps
2006/9/16
More results

Similar Description - AL-513W2C-A_06

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513UG3C A-BRIGHT-AL-513UG3C_06 Datasheet
316Kb / 5P
   5 mm Round LED Lamps
2006/9/25
AL-513UO5C A-BRIGHT-AL-513UO5C Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-513W1C A-BRIGHT-AL-513W1C Datasheet
318Kb / 6P
   5 mm Round LED Lamps
2006/9/16
AL-513UO5C-A A-BRIGHT-AL-513UO5C-A Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-513UY2C A-BRIGHT-AL-513UY2C Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-519EGW-C A-BRIGHT-AL-519EGW-C Datasheet
315Kb / 5P
   5 mm Round LED Lamps
2006/9/20
AL-513B2C A-BRIGHT-AL-513B2C_06 Datasheet
316Kb / 5P
   5 mm Round LED Lamps
2006/9/25
AL-513BG3C A-BRIGHT-AL-513BG3C_06 Datasheet
316Kb / 5P
   5 mm Round LED Lamps
2006/9/25
AL-513UOC A-BRIGHT-AL-513UOC Datasheet
311Kb / 5P
   5 mm Round LED Lamps
2006/9/16
AL-513W2C A-BRIGHT-AL-513W2C Datasheet
319Kb / 6P
   5 mm Round LED Lamps
2006/9/16
AL-517EGW A-BRIGHT-AL-517EGW Datasheet
291Kb / 5P
   5 mm Round LED Lamps
2006/9/20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com