Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P7441F-1091T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4P7441F-1091T
Description  Non Magnetic SMQ MELF PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4P7441F-1091T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4P7441F-1091T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4P7441F-1091T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Non Magnetic SMQ MELF PIN Diode
V2
MA4P7441F-1091T
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Parameter
Symbol
Condition
Minimum
Maximum
Nominal
Forward Voltage
VF
IF = +100 mA
-
.9 VDC
-
Voltage Rating
VR
Ir = -10 uA
l –100 l VDC
-
-
Total Capacitance
CT
-100 V @ 100 MHz
-
2.2 pF
-
Series Resistance
RS
+100 mA @ 100 MHz
-
0.5 Ω
-
Parallel Resistance
RP
-10 V @ 100 MHz
20 K
Ω
-
-
Carrier Lifetime
τL
+6 mA / -10 mA
(50% - 90% Voltage)
-
-
18 µs
I-Region Length
μm
-
-
-
175
μm
C.W. Thermal Resistance
θ
-
-
5°C/W
-
Power Dissipation in Free Air
W
IF = +100 mA
-
9W
-
Power Dissipation
PD
IF = +100 mA
-
30W
-
Electrical Specifications @ +25 °C
Environmental Capability
MELF devices are appropriate for use in industrial and military applications and can be screened to meet the
environmental requirements of MIL-STD-750, MIL-STD-202 as well as other military standards. The table below
lists some of the MIL-STD 750 tests the device is designed to meet.
Test
Method
Description
High Temperature Storage
1031
+150°C, for 340 Hours
Temperature Shock
1051
-65°C to +150°C, 20 Cycles
HTRB
1038
80% of rated VB, +150°C, for 96 Hours
Moisture Resistance
1021
No Initial Conditioning, 85% RH, +85°C
Gross Leak
1071 Cond. E
Dye Penetrant Visual
Vibration Fatigue
2046
20,000G’s, 60Hz, x, y, z axis
Solderability
2026
Test Temperature = +245°C


Similar Part No. - MA4P7441F-1091T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P7441F-1091T MACOM-MA4P7441F-1091T Datasheet
136Kb / 6P
   Non Magnetic SMQ HIPAX PIN Diode
logo
M/A-COM Technology Solu...
MA4P7441F-1091T MA-COM-MA4P7441F-1091T Datasheet
84Kb / 7P
   Non Magnetic SMQ HIPAX PIN Diode
MA4P7441F-1091T MA-COM-MA4P7441F-1091T_15 Datasheet
583Kb / 8P
   Non Magnetic SMQ HIPAX PIN Diode
More results

Similar Description - MA4P7441F-1091T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7461F-1072T MA-COM-MA4P7461F-1072T_2 Datasheet
143Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7464F-1072T MA-COM-MA4P7464F-1072T_1 Datasheet
118Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7446F-1091T MA-COM-MA4P7446F-1091T_2 Datasheet
144Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7452F-1072T MA-COM-MA4P7452F-1072T_2 Datasheet
132Kb / 6P
   Non Magnetic SMQ MELF PIN Diode
MA4P7418-1072T MA-COM-MA4P7418-1072T Datasheet
896Kb / 6P
   SMQ MELF PIN Diode
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
logo
Tyco Electronics
MA4P7470-1072T MACOM-MA4P7470-1072T Datasheet
118Kb / 6P
   Non Magnetic MELF PIN Diode
logo
M/A-COM Technology Solu...
MA4P7435NM-1091T MA-COM-MA4P7435NM-1091T Datasheet
104Kb / 4P
   Non Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T_15 Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-011034-10720T MA-COM-MADP-011034-10720T Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com