Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL-513TGC Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-513TGC
Description  5mm Round LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-513TGC Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-513TGC_09 Datasheet HTML 1Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 2Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 3Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 4Page - A-BRIGHT Inc AL-513TGC_09 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-513TGC
Diff No.
5 mm
Round
Type : LED Lamps
2009/2/25
1
Notes:
1. All dimensions are in millimeter.
2.An epoxy meniscus may extend about.
1. 5mm(0.059”) down to the lead
3.Tolerances unless Dimension ±0.25mm
Package Dimension︰
Features︰
Descriptions︰
Applications︰
Choice of various
viewing angles.
Available on Tape
and Reel.
Reliable and
robust.
The series is
specially designed
for application
requiring higher
brightness.
The LED lamps
are available with
different colors,
intensity, epoxy
colors etc.
TV set
Monitor
Telephone


Similar Part No. - AL-513TGC_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513TGC-A A-BRIGHT-AL-513TGC-A Datasheet
310Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513TGC-A A-BRIGHT-AL-513TGC-A_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
More results

Similar Description - AL-513TGC_09

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-513SGC-A A-BRIGHT-AL-513SGC-A_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513TRC A-BRIGHT-AL-513TRC_09 Datasheet
238Kb / 5P
   5mm Round LED Lamps
2009/2/25
AL-513OR6C-A A-BRIGHT-AL-513OR6C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513UO5C-A A-BRIGHT-AL-513UO5C-A_08 Datasheet
311Kb / 5P
   5mm Round LED Lamps
2008/3/19
AL-513BG1C A-BRIGHT-AL-513BG1C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513BG4C-A A-BRIGHT-AL-513BG4C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/25
AL-513CUVC-A A-BRIGHT-AL-513CUVC-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513IR-830-20C A-BRIGHT-AL-513IR-830-20C Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/10/2
AL-513IR-850-25B A-BRIGHT-AL-513IR-850-25B Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/12/15
AL-513IR-850-30B A-BRIGHT-AL-513IR-850-30B Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/12/15
AL-513IR-850-35B A-BRIGHT-AL-513IR-850-35B Datasheet
329Kb / 5P
   5mm Round LED Lamps
2006/12/15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com