Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EXP950H1-1277T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EXP950H1-1277T
Description  Silicon Double Balanced HMIC Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EXP950H1-1277T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4EXP950H1-1277T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EXP950H1-1277T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4EXP950H1-1277T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4EXP950H1-1277T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Silicon Double Balanced HMIC Mixer
850 - 1050 MHz
M/A-COM Products
Rev. V3
MA4EXP950H1-1277T
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Electrical Specifications TA = 25 °C
Parameter
Frequency
Range
Test Conditions
Units
Min.
Avg.
Max.
Conversion Loss
850 MHz
850-1050 MHz
LO Drive = +19 dBm
RF = -10 dBm, IF = 60 MHz
dB
-
-
8.1
8.3
9.5
9.5
L - R Isolation
850 MHz
850-1050 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
dB
-
-
58.0
55.0
-
-
L - I Isolation
850 MHz
850-1050 MHz
LO Drive = +17 dBm
RF Level = -10 dBmm
dB
-
-
49.0
44.0
-
-
R - I Isolation
850 MHz
850-1050 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
dB
-
-
30.0
28.0
-
-
RF VSWR
850 MHz
850-1050 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
Ratio
-
-
1.50:1
2.20:1
-
-
IF VSWR
DC - 500 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
Ratio
-
-
1.70:1
-
Input IP3
850 MHz
850-1050 MHz
LO Drive = +19 dBm
RF = -10 dBm, IF = 60 MHz
dBm
-
-
32.0
33.0
-
-
Input 1 dB Compression
850 MHz
850-1050 MHz
LO Drive = +17 dBm
IF = 60 MHz
dBm
-
-
12.1
12.7
-
-
IF1 dB Bandwidth
DC-200 MHz
LO = 850 MHz @ +17dBm
MHz
0
-
200
LO VSWR
850 MHz
850-1050 MHz
LO Drive = +17 dBm
RF Level = -10 dBm
Ratio
-
-
2.1:1
1.7:1


Similar Part No. - MA4EXP950H1-1277T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EXP950H1-1277T MACOM-MA4EXP950H1-1277T Datasheet
93Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
logo
M/A-COM Technology Solu...
MA4EXP950H1-1277T MA-COM-MA4EXP950H1-1277T Datasheet
82Kb / 4P
   Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
More results

Similar Description - MA4EXP950H1-1277T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T_V3 MA-COM-MA4EX190H1-1225T_V3 Datasheet
93Kb / 3P
   Silicon Double Balanced HMIC Mixer
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX580L-1225T MA-COM-MA4EX580L-1225T Datasheet
86Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EX950H1-1225T_V3 MA-COM-MA4EX950H1-1225T_V3 Datasheet
98Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EXP190H1-1277T_V3 MA-COM-MA4EXP190H1-1277T_V3 Datasheet
104Kb / 6P
   Silicon Double Balanced HMIC Mixer
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT_15 Datasheet
106Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX580L1-1225T MA-COM-MA4EX580L1-1225T Datasheet
86Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EX600L1-1225 MA-COM-MA4EX600L1-1225 Datasheet
622Kb / 5P
   Silicon Double Balanced HMIC Mixer
MA4EX900L-1226T MA-COM-MA4EX900L-1226T Datasheet
68Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EXP240L-1277 MA-COM-MA4EXP240L-1277 Datasheet
114Kb / 6P
   Silicon Double Balanced HMIC Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com