Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4EXP240L-1277 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4EXP240L-1277
Description  Silicon Double Balanced HMIC Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4EXP240L-1277 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4EXP240L-1277 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4EXP240L-1277 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4EXP240L-1277 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4EXP240L-1277 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4EXP240L-1277 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4EXP240L-1277 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silicon Double Balanced HMIC Mixer
2300 - 2800 MHz
Rev. V3
MA4EXP240L-1277
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VSWR ( LO Drive= +7dbm, RF= -10dBm, IF=-10dBm)
Isolation
( LO Drive= +7dbm, RF= -10dBm)
Typical Performance Curves (LO Drive = +5/+7/+9 dBm, RF = -10 dBm, IF = 60 MHz)
-70
-60
-50
-40
-30
-20
-10
0
RF FREQUENCY (MHz)
R-I
L-I
L-
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
RF & LO FREQUENCY (MHz)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
IF
RF
LO
IF FREQUENCY (MHz)


Similar Part No. - MA4EXP240L-1277

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EXP240L-1277 MACOM-MA4EXP240L-1277 Datasheet
136Kb / 6P
   Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
MA4EXP240L-1277T MACOM-MA4EXP240L-1277T Datasheet
136Kb / 6P
   Silicon Double Balanced HMIC Mixer 2300 - 2800 MHz
More results

Similar Description - MA4EXP240L-1277

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T_V3 MA-COM-MA4EX190H1-1225T_V3 Datasheet
93Kb / 3P
   Silicon Double Balanced HMIC Mixer
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX580L-1225T MA-COM-MA4EX580L-1225T Datasheet
86Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EX950H1-1225T_V3 MA-COM-MA4EX950H1-1225T_V3 Datasheet
98Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EXP190H1-1277T_V3 MA-COM-MA4EXP190H1-1277T_V3 Datasheet
104Kb / 6P
   Silicon Double Balanced HMIC Mixer
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT_15 Datasheet
106Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX580L1-1225T MA-COM-MA4EX580L1-1225T Datasheet
86Kb / 3P
   Silicon Double Balanced HMIC Mixer
MA4EXP950H1-1277T_V3 MA-COM-MA4EXP950H1-1277T_V3 Datasheet
97Kb / 4P
   Silicon Double Balanced HMIC Mixer
MA4EX600L1-1225 MA-COM-MA4EX600L1-1225 Datasheet
622Kb / 5P
   Silicon Double Balanced HMIC Mixer
MA4EX900L-1226T MA-COM-MA4EX900L-1226T Datasheet
68Kb / 3P
   Silicon Double Balanced HMIC Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com