Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62690YFFT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62690YFFT
Description  500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62690YFFT Datasheet(HTML) 4 Page - Texas Instruments

  TPS62690YFFT Datasheet HTML 1Page - Texas Instruments TPS62690YFFT Datasheet HTML 2Page - Texas Instruments TPS62690YFFT Datasheet HTML 3Page - Texas Instruments TPS62690YFFT Datasheet HTML 4Page - Texas Instruments TPS62690YFFT Datasheet HTML 5Page - Texas Instruments TPS62690YFFT Datasheet HTML 6Page - Texas Instruments TPS62690YFFT Datasheet HTML 7Page - Texas Instruments TPS62690YFFT Datasheet HTML 8Page - Texas Instruments TPS62690YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS62690, TPS62691
SLVS965
– MARCH 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 2.85V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
2.85V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fSW
Oscillator frequency
TPS6269x
IO = 0mA, PWM mode. TA = 25°C
3.6
4
4.4
MHz
OUTPUT
3.15V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.03
×VNOM
V
PFM/PWM operation
Regulated DC output
3.15V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.04
×VNOM
V
voltage
PFM/PWM operation
VOUT
TPS62690
3.15V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.02
×VNOM
V
PWM operation
VIN = VO + 0.5V (min 3.15V) to 5.5V
Line regulation
0.18
%/V
IO = 200 mA
Load regulation
IO = 0mA to 500 mA
–0.0002
%/mA
2.65V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 600 mA
0.98
×VNOM
VNOM
1.03
×VNOM
V
PFM/PWM operation
2.5V
≤ VIN ≤ 4.8V, 0mA ≤ IO ≤ 600 mA
0.97
×VNOM
VNOM
1.03
×VNOM
V
PFM/PWM operation
Regulated DC output
voltage
2.5V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
0.97
×VNOM
VNOM
1.04
×VNOM
V
PFM/PWM operation
VOUT
TPS62691
2.5V
≤ VIN ≤ 5.5V, 0mA ≤ IO ≤ 600 mA
0.97
×VNOM
VNOM
1.02
×VNOM
V
PWM operation
VIN = VO + 0.5V (min 2.5V) to 5.5V
Line regulation
0.12
%/V
IO = 200 mA
Load regulation
IO = 0mA to 600 mA
–0.0003
%/mA
Feedback input
TPS6269x
480
k
resistance
IO = 1mA
65
mVPP
CO = 4.7μF X5R 6.3V 0402
TPS62690
Power-save mode ripple
IO = 1mA
ΔVO
25
mVPP
voltage
CO = 10μF X5R 6.3V 0603
IO = 1mA
TPS62691
22
mVPP
CO = 10μF X5R 6.3V 0603
TPS62690
IO = 0mA, Time from active EN to VO
250
μs
Start-up time
TPS62691
IO = 0mA, Time from active EN to VO
205
μs
4
Submit Documentation Feedback
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS62690 TPS62691


Similar Part No. - TPS62690YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62690YFFT TI-TPS62690YFFT Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
More results

Similar Description - TPS62690YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com