Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56121DQPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56121DQPR
Description  4.5-V to 14-V Input High-Current Synchronous Buck Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56121DQPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS56121DQPR Datasheet HTML 5Page - Texas Instruments TPS56121DQPR Datasheet HTML 6Page - Texas Instruments TPS56121DQPR Datasheet HTML 7Page - Texas Instruments TPS56121DQPR Datasheet HTML 8Page - Texas Instruments TPS56121DQPR Datasheet HTML 9Page - Texas Instruments TPS56121DQPR Datasheet HTML 10Page - Texas Instruments TPS56121DQPR Datasheet HTML 11Page - Texas Instruments TPS56121DQPR Datasheet HTML 12Page - Texas Instruments TPS56121DQPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
26
28
30
32
34
36
38
40
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
450
500
550
600
650
700
750
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VOV
VUV
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Load Current (A)
VOUT = 0.8 V
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
fSW = 500 kHz
VVIN = 12 V
TA = 25°C
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
Load Current (A)
VOUT = 0.8 V
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
fSW = 500 kHz
VVIN = 5 V
TA = 25°C
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
90
100 110
Ambient Temperature (°C)
VOUT = 0.8 V
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VVIN = 12 V
0
2
4
6
8
10
12
14
16
0
20
40
60
80
100 110
Ambient Temperature (°C)
VOUT = 0.8 V
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VVIN = 5 V
TPS56121
www.ti.com
SLUSAH4
– MARCH 2011
TYPICAL CHARACTERISTICS
The efficiency curve shown in Figure 15 is measured with a 0.5-
µH output inductor and a maximum DCR of 0.75 mΩ.
The efficiency curve shown in Figure 16 is measured with a 0.3-
µH output inductor and a maximum DCR of 0.54 mΩ.
The power derating curves shown in Figure 17 and Figure 18 are measured on a 4
" × 3.25", 0.062" thick FR4 board
with 6 layers and 1 oz. copper.
Figure 13. High-Side Overcurrent Threshold vs. Junction
Figure 14. Power Good Threshold Voltage vs. Junction
Temperature
Temperature
Figure 15. Efficiency vs. Load Current (VVIN = 12 V)
Figure 16. Efficiency vs. Load Current (VVIN = 5 V)
Figure 17. Output Current vs. Ambient Temperature
Figure 18. Output Current vs. Ambient Temperature
(VVIN = 12 V)
(VVIN = 5 V)
Copyright
© 2011, Texas Instruments Incorporated
9
Product Folder Link(s) :TPS56121


Similar Part No. - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS56121DQPR TI1-TPS56121DQPR Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
More results

Similar Description - TPS56121DQPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI-TPS56221_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56221 4.5-V to 14-V Input, High-Current, Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS65253 TI1-TPS65253 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com