Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40170 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS40170
Description  4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40170 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40170_11 Datasheet HTML 1Page - Texas Instruments TPS40170_11 Datasheet HTML 2Page - Texas Instruments TPS40170_11 Datasheet HTML 3Page - Texas Instruments TPS40170_11 Datasheet HTML 4Page - Texas Instruments TPS40170_11 Datasheet HTML 5Page - Texas Instruments TPS40170_11 Datasheet HTML 6Page - Texas Instruments TPS40170_11 Datasheet HTML 7Page - Texas Instruments TPS40170_11 Datasheet HTML 8Page - Texas Instruments TPS40170_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
SW
BOOT
LDRV
PGND
HDRV
VIN
UVLO
PGOOD
VBP
ILIM
TRK
SS
FB
RT
M/S
COMP
AGND
SYNC
VDD
ENABLE
2
3
4
5
6
7
8
9
1
20
19
18
17
16
15
14
13
12
TPS40170
10
11
V
OUT
V
IN
UDG-09219
TPS40170
SLUS970
– MARCH 2011
www.ti.com
SIMPLIFIED APPLICATION
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)(2)
TJ
PACKAGE
PINS
TRANSPORT MEDIA
QUANTITY
DEVICE NUMBER
Tape and Reel (small)
250
TPS40170RGYT
-40
°C to 125°C
Plastic QFN
20
Tape and Reel (large)
3000
TPS40170RGYR
(1)
For the most current package and ordering information see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS40170


Similar Part No. - TPS40170_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
More results

Similar Description - TPS40170_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI-TPS40170_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS40170 4.5 V to 60 V Wide Input Synchronous PWM Buck Controller
TPS40170-Q1 TI-TPS40170-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS40170-Q1 4.5-V to 60-V, Wide-Input, Synchronous PWM Buck Controller
TPS40490 TI1-TPS40490 Datasheet
1Mb / 38P
[Old version datasheet]   5-V to 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
   Wide 6 V to 75 V input voltage synchronous buck controller
Rev 1 - April 2022
logo
Texas Instruments
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com