Part Name
         Description
K8P5616UZB

 256Mb B-die Page NOR FLASH ( 60 Page)


SAMSUNG
100% 
Zoom Out Zoom In
 39 page
background image
- 39 -
K8P5616UZB
datasheet NOR FLASH MEMORY
Rev. 1.0
17.0 DC CHARACTERISTICS
NOTE :
1) The ICC current listed includes both the DC operating current and the frequency dependent component(at 5 MHz).
2) ICC active during Internal Routine(program or erase) is in progress..
3) The high voltage (VHH) must be used in the range of Vcc = 2.7V ~ 3.6V
4.)Not 100% tested.
5) ICC active during Read while Write is in progress.
18.0 CAPACITANCE (TA = 25 °C, VCC = 3.0V, f = 1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC, VCC=VCCmax
− 1.0
-
+ 1.0
μA
Output Leakage Current
ILO
VOUT=VSS to VCC,VCC=VCCmax
− 1.0
-
+ 1.0
μA
Vcc Active Read Current 1)
TBD
TBD
TBD
VIO Non-Active Output
TBD
TBD
TBD
Active Write Current 2)
ICC2CE=VIL, OE=VIH, WE=VIL
-25
50
mA
Read While Program Current 5)
ICC3
CE=VIL, OE=VIH (@5Mhz)
-35
50
mA
Read While Erase Current 5)
ICC4
CE=VIL, OE=VIH (@10Mhz)
-35
50
mA
Program While Erase Suspend
Current
ICC5CE=VIL, OE=VIH
-27
55
mA
Page Read Current
ICC6OE=VIH, 8-word Page Read
40MHz
-
10
15
mA
ACC Accelerated Program
Current
IACC
CE=VIL, OE=VIH
-15
30
mA
Standby Current
ISB1
CE, RESET, WP/ACC= Vcc
± 0.3
-20
40
μA
Standby Current During Reset
ISB2
RESET= Vss
± 0.3
-20
40
μA
Automatic Sleep Mode
ISB3
VIH=Vcc
± 0.3V, VIL=VSS ±0.2V
-20
40
μA
Input Low Level
VIL
Vcc=2.7~3.6V
-0.5
-
0.8
V
Input High Level
VIH
Vcc=2.7~3.6V
VCCx0.7
-Vcc+0.3
V
Voltage for Program Acceleration 4)
VHH
Vcc = 2.7~3.6V
8.5
-
9.5
V
Voltage for Autoselect and Temporary
Sector Unprotect
VID
Vcc = 2.7~3.6V
8.5
-
9.5
V
Output Low Level
VOL
IOL =100uA,Vcc=VCCmin
-
-
0.1
V
Output High Level
VOH
IOH = -100uA, Vcc=VCCmin
Vcc - 0.2
-
-
V
Low VCC Lock-out Voltage 5)
VLKO
2.3
-
2.5
V
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN=0V
-
10
pF
Output Capacitance
COUT
VOUT=0V
-
10
pF
Control Pin Capacitance
CIN2
VIN=0V
-
10
pF



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl