Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K8A1215ETC Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K8A1215ETC
Description  512Mb C-die NOR FLASH
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8A1215ETC Datasheet(HTML) 1 Page - Samsung semiconductor

  K8A1215ETC Datasheet HTML 1Page - Samsung semiconductor K8A1215ETC Datasheet HTML 2Page - Samsung semiconductor K8A1215ETC Datasheet HTML 3Page - Samsung semiconductor K8A1215ETC Datasheet HTML 4Page - Samsung semiconductor K8A1215ETC Datasheet HTML 5Page - Samsung semiconductor K8A1215ETC Datasheet HTML 6Page - Samsung semiconductor K8A1215ETC Datasheet HTML 7Page - Samsung semiconductor K8A1215ETC Datasheet HTML 8Page - Samsung semiconductor K8A1215ETC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
- 1 -
K8A12(13)15ET(B/Z)C
Rev. 1.1, Sep. 2010
SAMSUNG ELECTRONICS RESERVES THE RIGHT TO CHANGE PRODUCTS, INFORMATION AND
SPECIFICATIONS WITHOUT NOTICE.
Products and specifications discussed herein are for reference purposes only. All information discussed
herein is provided on an "AS IS" basis, without warranties of any kind.
This document and all information discussed herein remain the sole and exclusive property of Samsung
Electronics. No license of any patent, copyright, mask work, trademark or any other intellectual property
right is granted by one party to the other party under this document, by implication, estoppel or other-
wise.
Samsung products are not intended for use in life support, critical care, medical, safety equipment, or
similar applications where product failure could result in loss of life or personal or physical harm, or any
military or defense application, or any governmental procurement to which special terms or provisions
may apply.
For updates or additional information about Samsung products, contact your nearest Samsung office.
All brand names, trademarks and registered trademarks belong to their respective owners.
2009 Samsung Electronics Co., Ltd. All rights reserved.
512Mb C-die NOR FLASH
(32Mb x16) Synch Burst, Multi Bank SLC
(1.7V ~ 1.95V)
datasheet


Similar Part No. - K8A1215ETC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
logo
Toshiba Semiconductor
K8A500 TOSHIBA-K8A500 Datasheet
187Kb / 6P
   Switching Regulator Applications
K8A50D TOSHIBA-K8A50D Datasheet
187Kb / 6P
   Switching Regulator Applications
K8A55DA TOSHIBA-K8A55DA Datasheet
297Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSⅦ)
2013-11-01
logo
Samsung semiconductor
K8A56ETC SAMSUNG-K8A56ETC Datasheet
1Mb / 64P
   256Mb C-die NOR FLASH
More results

Similar Description - K8A1215ETC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8S1215ETC SAMSUNG-K8S1215ETC Datasheet
1Mb / 83P
   512Mb C-die NOR FLASH
K8P2815UQC SAMSUNG-K8P2815UQC Datasheet
1Mb / 62P
   128Mb C-die NOR FLASH
K8S5615ETC SAMSUNG-K8S5615ETC Datasheet
1Mb / 65P
   256Mb C-die NOR Flash
K8A56ETC SAMSUNG-K8A56ETC Datasheet
1Mb / 64P
   256Mb C-die NOR FLASH
K8P2716UZC SAMSUNG-K8P2716UZC Datasheet
1Mb / 56P
   128Mb C-die Page NOR Flash
K4T51083QC SAMSUNG-K4T51083QC Datasheet
629Kb / 29P
   512Mb C-die DDR2 SDRAM
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8P5516UZB SAMSUNG-K8P5516UZB Datasheet
1Mb / 59P
   256Mb B-die NOR FLASH
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com