Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7S3218T4C Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K7S3218T4C
Description  1Mx36 & 2Mx18 QDR II b4 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7S3218T4C Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K7S3218T4C Datasheet HTML 3Page - Samsung semiconductor K7S3218T4C Datasheet HTML 4Page - Samsung semiconductor K7S3218T4C Datasheet HTML 5Page - Samsung semiconductor K7S3218T4C Datasheet HTML 6Page - Samsung semiconductor K7S3218T4C Datasheet HTML 7Page - Samsung semiconductor K7S3218T4C Datasheet HTML 8Page - Samsung semiconductor K7S3218T4C Datasheet HTML 9Page - Samsung semiconductor K7S3218T4C Datasheet HTML 10Page - Samsung semiconductor K7S3218T4C Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1Mx36 & 2Mx18 QDRTM II+ b4 SRAM
K7S3236T4C
K7S3218T4C
- 7 -
Rev. 1.3 August 2008
Programmable Impedance Output Buffer Operation
Output Valid Pin (QVLD)
Depth Expansion
The Q Valid indicates valid output data. QVLD is activated half cycle before the read data for the receiver to be ready for capturing
the data. QVLD is edge aligned with CQ and CQ.
Separate input and output ports enables easy depth expansion. Each port can be selected and deselected independently and read
and write operation do not affect each other. Before chip deselected, all read and write pending operations are completed.
The designer can program the SRAM's output buffer impedance by terminating the ZQ pin to VSS through a precision resistor(RQ).
The allowable range of RQ is between 175
and 350The value of RQ (within 15% tolerance) is five times the output impedance
desired. For example, 250
resistor will give an output impedance of 50.
Impedance updates occur early in cycles that do not activate the outputs, such as deselect cycles. In all cases impedance updates
are transparent to the user and do not produce access time "push-outs" or other anomalous behavior in the SRAM. To guarantee
optimum output driver impedance after power up, the SRAM needs 1024 non-read cycles.
The following power-up supply voltage application is recommended: VSS, VDD, VDDQ, VREF, then VIN. VDD and VDDQ can be applied
simultaneously, as long as VDDQ does not exceed VDD by more than 0.5V during power-up. The following power-down supply voltage
removal sequence is recommended: VIN, VREF, VDDQ, VDD, VSS. VDD and VDDQ can be removed simultaneously, as long as VDDQ
does not exceed VDD by more than 0.5V during power-down.
Power-Up/Power-Down Supply Voltage Sequencing
Echo clock operation
To assure the output traceability, the SRAM provides the output Echo clock, pair of compliment clock CQ and CQ, which are syn-
chronized with internal data output. Echo clocks run free during normal operation.
The Echo clock is triggered by internal output clock signal, and transferred to external through same structures as output driver.


Similar Part No. - K7S3218T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3218T4C SAMSUNG-K7S3218T4C Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3218T4C-FECI33 SAMSUNG-K7S3218T4C-FECI33 Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3218T4C-FECI40 SAMSUNG-K7S3218T4C-FECI40 Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
More results

Similar Description - K7S3218T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684C SAMSUNG-K7R323684C Datasheet
463Kb / 20P
   1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C Datasheet
440Kb / 20P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7R323682C SAMSUNG-K7R323682C Datasheet
458Kb / 20P
   1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7R163684B SAMSUNG-K7R163684B Datasheet
418Kb / 18P
   512Kx36 & 1Mx18 QDR II b4 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com