Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7R640982M Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7R640982M
Description  2Mx36 & 4Mx18 & 8Mx9 QDR II b2 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R640982M Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7R640982M Datasheet HTML 2Page - Samsung semiconductor K7R640982M Datasheet HTML 3Page - Samsung semiconductor K7R640982M Datasheet HTML 4Page - Samsung semiconductor K7R640982M Datasheet HTML 5Page - Samsung semiconductor K7R640982M Datasheet HTML 6Page - Samsung semiconductor K7R640982M Datasheet HTML 7Page - Samsung semiconductor K7R640982M Datasheet HTML 8Page - Samsung semiconductor K7R640982M Datasheet HTML 9Page - Samsung semiconductor K7R640982M Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
K7R643682M
K7R641882M
K7R640982M
- 6 -
Rev. 1.3 March 2007
PIN CONFIGURATIONS(TOP VIEW) K7R640982M(8Mx9)
Notes: 1. BW controls write to D0:D8.
1
2
3
4
5
6
7
8
9
10
11
A
CQ
SA
SA
W
NC
K
NC
R
SA
SA
CQ
B
NC
NC
NC
SA
NC
K
BW
SA
NC
NC
Q3
C
NC
NC
NC
VSS
SA
SA
SA
VSS
NC
NC
D3
D
NC
D4
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
Q4
VDDQ
VSS
VSS
VSS
VDDQ
NC
D2
Q2
F
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
G
NC
D5
Q5
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q1
D1
K
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
L
NC
Q6
D6
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q0
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
NC
D0
N
NC
D7
NC
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
Q7
SA
SA
C
SA
SA
NC
D8
Q8
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clock for Output Data
1
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable when low
SA
2A,3A,9A,10A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-8
11M,11J,10E,11C,2D,2G,3L,2N,10P
Data Inputs
Q0-8
11L,10J,11E,11B,3E,3G,2L,3P,11P
Data Outputs
W
4A
Write Control Pin, active when low
R
8A
Read Control Pin, active when low
BW
7B
Nibble Write Control Pin, active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply (1.8 V)
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply (1.5V or 1.8V)
VSS
4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
7A,5A,1B,2B,3B,5B,9B,10B,1C,2C,3C,9C,10C,1D,3D,9D,10D,
11D,1E,2E,9E,1F,2F,3F,9F,10F,11F,1G,9G,10G,11G,1J,2J,3J,9J
1K,2K,3K,10K,11K,9K,1L,9L,10L,1M,2M,3M,9M,10M,1N,3N,9N
10N,11N,1P,2P,9P
No Connect
3


Similar Part No. - K7R640982M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R640982M SAMSUNG-K7R640982M Datasheet
364Kb / 19P
   2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
More results

Similar Description - K7R640982M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R643682M SAMSUNG-K7R643682M Datasheet
364Kb / 19P
   2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7J643682M SAMSUNG-K7J643682M_07 Datasheet
434Kb / 18P
   2Mx36 & 4Mx18 DDR II SIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
K7R323682C SAMSUNG-K7R323682C Datasheet
458Kb / 20P
   1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com