Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7R643682M Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7R643682M
Description  2Mx36 & 4Mx18 & 8Mx9 QDR II b2 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R643682M Datasheet(HTML) 5 Page - Samsung semiconductor

  K7R643682M_07 Datasheet HTML 1Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 2Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 3Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 4Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 5Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 6Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 7Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 8Page - Samsung semiconductor K7R643682M_07 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
K7R643682M
K7R641882M
K7R640982M
- 5 -
Rev. 1.3 March 2007
PIN CONFIGURATIONS(TOP VIEW) K7R641882M(4Mx18)
Notes: 1. * Checked No Connect (NC) pins are reserved for higher density address, i.e. 2A for 144Mb.
2. BW0 controls write to D0:D8 and BW1 controls write to D9:D17.
1
2
3
4
5
6
7
8
9
10
11
A
CQ
NC/SA*
SA
W
BW1
K
NC
R
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
SA
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clock for Output Data
1
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable when low
SA
3A,9A,10A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-17
10P,11N,11M,10K,11J,11G,10E,11D,11C,3B,3C,2D,
3F,2G,3J,3L,3M,2N
Data Inputs
Q0-17
11P,10M,11L,11K,10J,11F,11E,10C,11B,2B,3D,3E,
2F,3G,3K,2L,3N,3P
Data Outputs
W
4A
Write Control Pin, active when low
R
8A
Read Control Pin, active when low
BW0, BW1
7B, 5A
Block Write Control Pin, active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply (1.8 V)
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply (1.5V or 1.8V)
VSS
4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
2A,7A,1B,5B,9B,10B,1C,2C,9C,1D,9D,10D,1E,2E,9E,1F,9F,
10F,1G,9G,10G,1J,2J,9J,1K,2K,9K,1L,9L,10L,1M,2M,
9M,1N,9N,10N,1P,2P,9P
No Connect
3


Similar Part No. - K7R643682M_07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R643682M SAMSUNG-K7R643682M Datasheet
364Kb / 19P
   2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
More results

Similar Description - K7R643682M_07

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R643682M SAMSUNG-K7R643682M Datasheet
364Kb / 19P
   2Mx36 & 4Mx18 & 8Mx9 QDRTM II b2 SRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7J643682M SAMSUNG-K7J643682M_07 Datasheet
434Kb / 18P
   2Mx36 & 4Mx18 DDR II SIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
K7R323682C SAMSUNG-K7R323682C Datasheet
458Kb / 20P
   1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7Q161882 SAMSUNG-K7Q161882 Datasheet
503Kb / 17P
   512Kx36 & 1Mx18 QDR b2 SRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com