Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4AGSW1A_V5 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW1A_V5
Description  SPST Non-Reflective AlGaAs PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1A_V5 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1A_V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_V5 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SPST Non-Reflective AlGaAs PIN Diode Switch
V5
MA4AGSW1A
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
7
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Ordering Information
Part Number
Package
MA4AGSW1A
Waffle Pack
ASSEMBLY INSTRUCTIONS
CLEANLINESS
These chips should be handled in a clean environment.
STATIC SENSITIVITY
These Devices are considered ESD Class 1A, HBM. Proper ESD techniques should be used when handling
these devices.
GENERAL HANDLING
The protective polymer coating on the active areas of the die provides scratch and impact protection,
particularly for the metal air bridge, which contacts the diode’s anode. Die should primarily be handled with
vacuum pickup tools, or alternatively with plastic tweezers.
ASSEMBLY TECHNIQUES
The MA4AGSW1A, AlGaAs device is designed to be mounted with electrically conductive silver epoxy or with
a low temperature solder perform, which does not have a rich tin content.
SOLDER DIE ATTACH
Only solders which do not scavenge gold, such as 80Au/Sn20, or Indalloy #2 is recommended. Do not expose
die to temperatures greater than 300°C for more than 10 seconds.
ELECTRICAL CONDUCTIVE EPOXY DIE ATTACH
Use a controlled thickness of approximately 2 mils for best electrical conductivity and lowest thermal
resistance. Cure epoxy per manufacturer
’s schedule. Typically 150°C for 1 hour.
RIBBON/WIRE BONDING
Thermo-compression wedge or ball bonding may be used to attach ribbons or wire to the gold bonding
pads. A 1/4 x 3 mil gold ribbon is recommended on all RF ports and should be kept as short as possible
for the lowest inductance and best microwave performance.
For more detailed handling and assembly
instructions, see Application Note M541, “Bonding and Handling Procedures for Chip Diode
Devices” at www.macomtech.com.


Similar Part No. - MA4AGSW1A_V5

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
   SPST Non-Reflective AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW1A_V5

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A_15 Datasheet
593Kb / 8P
   SPST Non-Reflective AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4AGSW1A MACOM-MA4AGSW1A Datasheet
243Kb / 15P
   AlGaAs SPST Non-Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1A MA-COM-MA4AGSW1A Datasheet
137Kb / 7P
   SPST Non-Reflective AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4AGSW1 MACOM-MA4AGSW1 Datasheet
178Kb / 6P
   AlGaAs SPST Reflective PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1 Datasheet
136Kb / 7P
   SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1_V5 MA-COM-MA4AGSW1_V5 Datasheet
121Kb / 7P
   SPST Reflective AlGaAs PIN Diode Switch
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
   SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
   AlGaAs SP5T Reflective PIN Diode Switch
logo
Custom MMIC Design Serv...
CMD204 MMIC-CMD204 Datasheet
234Kb / 9P
   DC-20 GHz SPST Non-reflective Switch
logo
Alpha Industries
AS259M1-12 ALPHA-AS259M1-12 Datasheet
26Kb / 2P
   GaAs IC SPST Non-Reflective Switch DC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com