Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH-TSW-36W-003 Datasheet(PDF) 4 Page - A-BRIGHT Inc

Part # AH-TSW-36W-003
Description  600x600x25.4mm LED Light Fixtures
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AH-TSW-36W-003 Datasheet(HTML) 4 Page - A-BRIGHT Inc

  AH-TSW-36W-003 Datasheet HTML 1Page - A-BRIGHT Inc AH-TSW-36W-003 Datasheet HTML 2Page - A-BRIGHT Inc AH-TSW-36W-003 Datasheet HTML 3Page - A-BRIGHT Inc AH-TSW-36W-003 Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AH-TSW-36W-003
Diff No.003
600x600x25.4mm
LED Light Fixtures
Type:
4
(Safety Warning)
(Please use the specify transformer)
(Warning)
(Please don’t use the incorrect transformer)
Our company won’t guarantee led life if the working temperature
is lower -20℃ or higher 40℃
3. 安裝完成前請勿打開電源.
(Please don’t turn it on before
complete assembly)


Similar Part No. - AH-TSW-36W-003

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003 Datasheet
507Kb / 4P
   600x600x25.4mm LED Light Fixtures
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003_15 Datasheet
507Kb / 4P
   LED Light Fixtures
More results

Similar Description - AH-TSW-36W-003

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003 Datasheet
580Kb / 5P
   600x600x25.4mm LED Light Fixtures
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003 Datasheet
507Kb / 4P
   600x600x25.4mm LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003 Datasheet
580Kb / 5P
   600x600x25.4mm LED Light Fixtures
AH-TW0-36W-003 A-BRIGHT-AH-TW0-36W-003_15 Datasheet
580Kb / 5P
   LED Light Fixtures
AH-TSW-36W-003 A-BRIGHT-AH-TSW-36W-003_15 Datasheet
507Kb / 4P
   LED Light Fixtures
logo
OSRAM GmbH
LCWJNSH.PC OSRAM-LCWJNSH.PC Datasheet
1Mb / 22P
   Retrofits and fixtures
logo
Lite-On Technology Corp...
LTPA-A5630AZL LITEON-LTPA-A5630AZL Datasheet
750Kb / 21P
   Light LED
LTPA-CM036 LITEON-LTPA-CM036 Datasheet
896Kb / 20P
   Light LED
LTW-K140SZR50 LITEON-LTW-K140SZR50 Datasheet
738Kb / 19P
   Light LED
LTW-K140SZR40 LITEON-LTW-K140SZR40 Datasheet
737Kb / 19P
   Light LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com