Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETC4-1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # ETC4-1
Description  E-Series RF 1:4 Flux Coupled Step-up
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

ETC4-1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  ETC4-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. ETC4-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 0180 I
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product
information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
3 turns
Features
Surface Mount
1:4 Impedance Ratio
CT on Secondary
Available on Tape & Reel
Description
M/A-COM’s ETC4-1 is a 1:4 RF flux coupled step-up transformer
in a low cost, surface mount package.
Ideally suited for high
volume cellular and wireless applications.
SM-22 Package
E-Series RF 1:4 Flux Coupled Step-up
Transformer
ETC4-1
Schematic
Please Note that the photograph above indicates typical package only, not actual unit.
(3.30)
(2.54)
0.100
(0.762)
(1.397)
0.055
(4.83)
0.190
0.130
0.030
(3.81 MAX)
0.150 MAX
(0.762)
0.030
0.030
(0.762)
0.030
(0.762)
(1.27)
0.050
(3.81)
0.150
(3.81)
0.150
(1.65)
0.065
Electrical Specifications @25°C
Parameter
Units
Nominal
Maximum
Mean (x)
Sigma (σ)
Frequency Range 1-350
MHz
Insertion Loss (fL - fU)
5 - 100 MHz
2 - 300 MHz
1 - 350 MHz
dB
dB
dB
1.0
2.0
3.0
1.21
0.032
Amplitude Unbalance
5 - 100 MHz
1 - 350 MHz
dB
dB
0.1
0.5
Phase Unbalance
5 - 100 MHz
1 - 350 MHz
Degrees
Degrees
1.0
5.0
Primary 4
Primary Dot 5
4 turns
3
Secondary Dot
4 turns
1
Secondary
2
Secondary CT
4 turns


Similar Part No. - ETC4-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
logo
M/A-COM Technology Solu...
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
logo
Tyco Electronics
ETC4-1-2 MACOM-ETC4-1-2 Datasheet
133Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
M/A-COM Technology Solu...
ETC4-1-2 MA-COM-ETC4-1-2 Datasheet
120Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
logo
Tyco Electronics
ETC4-1-2TR MACOM-ETC4-1-2TR Datasheet
85Kb / 2P
   4:1 Step-up Transformer 2.0 - 800 MHz
More results

Similar Description - ETC4-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-ETC4-1 MA-COM-DS-ETC4-1 Datasheet
340Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up
MABA-011020-V1 MA-COM-MABA-011020-V1 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
ETC4-1-2TR MA-COM-ETC4-1-2TR Datasheet
302Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
Tyco Electronics
MABAES0010 MACOM-MABAES0010 Datasheet
142Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-011020 MA-COM-MABA-011020_15 Datasheet
770Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
DS-ETC4-1-2 MA-COM-DS-ETC4-1-2 Datasheet
302Kb / 4P
   E-Series RF 1:4 Flux Coupled Step-up Transformer
ETC4-1 MA-COM-ETC4-1 Datasheet
104Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
MABA-007237-ETC410 MA-COM-MABA-007237-ETC410 Datasheet
64Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1 - 350 MHz
logo
Tyco Electronics
ETC4-1 MACOM-ETC4-1 Datasheet
76Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz
logo
M/A-COM Technology Solu...
MABAES0010 MA-COM-MABAES0010 Datasheet
98Kb / 2P
   E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com