Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24202IRTZ-EVALZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL24202IRTZ-EVALZ
Description  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24202IRTZ-EVALZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL24202IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL24202IRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ISL24202
9
FN7587.0
March 15, 2011
when not being driven. CE should be pulled low before powering
the device down to ensure that any glitches or transients during
power-down will not cause unwanted EEPROM overwriting.
The CE pin has a Schmitt trigger on the input to prevent false
triggering during slow transitions of the CE pin. The CE pin
transition time should be 10µs or less.
Programming the EEPROM
To program the non-volatile EEPROM, pull the CTL pin above 4.9V
for more than 200µs. The level and timing is shown in Figure 9. It
then takes a maximum of 100ms after CTL crosses 4.9V for the
programming to be completed inside the device.
When the part is programmed, the data in the counter register is
written into the EEPROM. This value will be loaded from the
EEPROM during subsequent power-ups as well as when the CE
pin is pulled low. The ISL24202 is factory-programmed to
mid-scale. As with asserting CE, the first pulse after a program
operation is ignored. The EEPROM contents can be written and
verified using the following steps:
1. Power-up the ISL24202. The EEPROM value will be loaded.
2. Set the CE pin to VDD.
3. Change the VOUT voltage using the CTL pin to the desired
value, noting that first pulse will be ignored.
4. Pull the CTL pin to 4.9V or higher for at least 200µs. The
counter value will be written to EEPROM after 100ms.
5. Change the VOUT value (using the CTL pin) to a different value,
noting that first pulse after programming will be ignored.
6. Set the CE pin to 0V. The stored output value will be loaded
from EEPROM after 10ms.
7. Verify that the output value is the same value programmed in
Step 4.
The CTL pin should be left floating after programming. The
voltage at the CTL pin will be internally biased to VDD/2 to ensure
that no additional pulses will be seen by the Up/Down counter. To
prevent further changes, ground the CE pin.
Typical Application Circuit
Shown below in Figure 10 is a typical circuit that can be used to
program the ISL24202 via the up/down counter interface. Three
momentary push-button switches are required. SW1 connected
between CTL and AVDD allows the user to bring CTL above VDD for
programming the EEPROM, SW2 connected to VDD to pull CTL up,
and SW3 connected to GND to pull CTL to down. All the switches
should have 1kΩ current-limiting resistors in series.
For adjustment and programming to occur, the CE pin has to be
set to VDD. This can be achieved by a single-pull double-throw
switch (SW4) connected between VDD and GND.
Note that pressing the UP button increments the counter, but
results in VCOM_OUT decreasing. Similarly, pressing the DOWN
button decrements the counter, and results in VCOM_OUT
increasing.
CTL VOLTAGE
TIME
4.9V
tPROG
FIGURE 9. EEPROM PROGRAMMING
>200µs
100ms
EEPROM
OPERATION
COMPLETE
FIGURE 10. TYPICAL APPLICATION CIRCUIT
ISL24202
CTL
0.01µF
1kΩ
VDD
CLOSE TO
UP
PROGRAM
1kΩ
AVDD
DOWN
1kΩ
EEPROM
CE
SET
R1
R2
RSET
OUT
VCOM to LCD Panel
SW2
SW1
SW3
SW4
AVDD
VDD
AVDD
GND
VDD
AVDD
0.01µF
0.1µF
0.1µF
ENABLE
VDD
ADJUST /
PROGRAM
DISABLE
EL5411T


Similar Part No. - ISL24202IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24202IRTZ-EVALZ RENESAS-ISL24202IRTZ-EVALZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

Similar Description - ISL24202IRTZ-EVALZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com