Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24202 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL24202
Description  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24202 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL24202 Datasheet HTML 2Page - Intersil Corporation ISL24202 Datasheet HTML 3Page - Intersil Corporation ISL24202 Datasheet HTML 4Page - Intersil Corporation ISL24202 Datasheet HTML 5Page - Intersil Corporation ISL24202 Datasheet HTML 6Page - Intersil Corporation ISL24202 Datasheet HTML 7Page - Intersil Corporation ISL24202 Datasheet HTML 8Page - Intersil Corporation ISL24202 Datasheet HTML 9Page - Intersil Corporation ISL24202 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL24202
6
FN7587.0
March 15, 2011
Application Information
LCD panels have a VCOM (common voltage) that must be precisely
set to minimize flicker. Figure 3 shows a typical VCOM adjustment
circuit using a mechanical potentiometer, and the equivalent
circuit replacement using the ISL24202. Having a digital counter
interface enables automatic, digital flicker minimization during
production test and alignment. After programming, the counter
interface is not needed again - the ISL24202 automatically powers
up with the correct VCOM voltage programmed previously.
The ISL24202 uses a digitally controllable potentiometer (DCP),
with 256 steps of resolution (Figure 4) to change the current
drawn at the OUT pin, which then changes the voltage created by
the R1 - R2 resistor divider (Figure 5). The OUT voltage can then be
buffered by an external amplifier (A2) to generate a buffered output
voltage (VCOM) capable of driving the VCOM input of an LCD panel.
The amount of current sunk is controlled by the setting of the
DCP, which is recalled at power-up from the ISL24202’s internal
EEPROM. The EEPROM is typically programmed during panel
manufacture. As noted in the “Electrical Specifications” section
on page 4, the ISL24202 requires a minimum AVDD voltage of
10.8V for EEPROM programming, but will work in normal
operation down to 4.5V after the EEPROM has been
programmed, with no additional EEPROM writing.
DCP (Digitally Controllable Potentiometer)
The DCP controls the voltage that ultimately controls the SET
current. Figure 4 shows the relationship between the register
value and the DCP’s tap position. Note that a register value of 0
selects the first step of the resistor string. The output voltage of
the DCP is given in Equation 1:
Output Current Sink
Figure 5 shows the schematic of the OUT current sink. The
combination of amplifier A1, transistor Q1, and resistor RSET
forms a voltage-controlled current source, with the voltage
determined by the DCP setting.
The external RSET resistor sets the full-scale (maximum) sink current
that can be pulled from the OUT node. The relationship between
IOUT and Register Value is shown in Equation 2.
The maximum value of IOUT can be calculated by substituting the
maximum register value of 255 into Equation 2, resulting in
Equation 3:
Equation 2 can also be used to calculate the unit sink current
step size per Register Code, resulting in Equation 4:
FIGURE 3. MECHANICAL ADJUSTMENT REPLACEMENT
SET
ISL24202
R1
R2
AVDD
AVDD
VCOM
IOUT
VDD
RSET
RA
RC
AVDD
VCOM
RB
R1 = RA
R2 = RB+RC
RSET = RARB + RARC
20RB
OUT
A2
VDCP
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
=
(EQ. 1)
FIGURE 4. SIMPLIFIED SCHEMATIC OF DCP
AVDD
19R
R
0
1
2
255
254
253
252
251
REGISTER VALUE
AVDD
20
VDCP
FIGURE 5. CURRENT SINK CIRCUIT
AVDD
RSET
VDCP
SET
OUT
AVDD
IOUT
R1
R2
VSAT
Q1
A1
VOUT
VSET = VDCP = IOUT * RSET
IOUT
IOUT
VDCP
RSET
-------------
RegisterValue 1
+
256
---------------------------------------------------
⎝⎠
⎛⎞ AVDD
20
--------------
⎝⎠
⎛⎞
1
RSET
-------------
⎝⎠
⎛⎞
==
(EQ. 2)
IOUT MAX
()
AVDD
20RSET
--------------------
=
(EQ. 3)
ISTEP
AVDD
256
() 20
() R
SET
()
----------------------------------------------
=
(EQ. 4)


Similar Part No. - ISL24202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24202IRTZ RENESAS-ISL24202IRTZ Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202IRTZ-EVALZ INTERSIL-ISL24202IRTZ-EVALZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
More results

Similar Description - ISL24202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com