Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7M323635C Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K7M323635C
Description  1Mx36 & 2Mx18 Flow-Through NtRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7M323635C Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K7M323635C Datasheet HTML 7Page - Samsung semiconductor K7M323635C Datasheet HTML 8Page - Samsung semiconductor K7M323635C Datasheet HTML 9Page - Samsung semiconductor K7M323635C Datasheet HTML 10Page - Samsung semiconductor K7M323635C Datasheet HTML 11Page - Samsung semiconductor K7M323635C Datasheet HTML 12Page - Samsung semiconductor K7M323635C Datasheet HTML 13Page - Samsung semiconductor K7M323635C Datasheet HTML 14Page - Samsung semiconductor K7M323635C Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1Mx36 & 2Mx18 Flow-Through NtRAMTM
- 11 -
K7M321835C
K7M323635C
Rev. 1.1 June 2007
DC ELECTRICAL CHARACTERISTICS
Notes : 1. The above parameters are also guaranteed at industrial temperature range.
2. Reference AC Operating Conditions and Characteristics for input and timing.
3. Data states are all zero.
4. In Case of I/O Pins, the Max. VIH=VDDQ+0.3V.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current(except ZZ)
IIL
VDD=Max ; VIN=VSS to VDD
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current
ICC
Device Selected, IOUT=0mA,
ZZ
VIL , Cycle Time ≥ tCYC Min
-
310
mA
1,2
Standby Current
ISB
Device deselected, IOUT=0mA, ZZ
VIL, f=Max,
All Inputs
0.2V or ≥ VDD-0.2V
-
140
mA
ISB1
Device deselected, IOUT=0mA, ZZ
0.2V, f=0,
All Inputs=fixed (VDD-0.2V or 0.2V)
-110
mA
ISB2
Device deselected, IOUT=0mA, ZZ
≥VDD-0.2V,
f=Max, All Inputs
VIL or ≥VIH
-
100
mA
Output Low Voltage(3.3V I/O)
VOL
IOL=8.0mA
-
0.4
V
Output High Voltage(3.3V I/O)
VOH
IOH=-4.0mA
2.4
-
V
Output Low Voltage(2.5V I/O)
VOL
IOL=1.0mA
-
0.4
V
Output High Voltage(2.5V I/O)
VOH
IOH=-1.0mA
2.0
-
V
Input Low Voltage(3.3V I/O)
VIL
-0.3*
0.8
V
Input High Voltage(3.3V I/O)
VIH
2.0
VDD+0.3**
V
3
Input Low Voltage(2.5V I/O)
VIL
-0.3*
0.7
V
Input High Voltage(2.5V I/O)
VIH
1.7
VDD+0.3**
V
3
TEST CONDITIONS
* The above parameters are also guaranteed at industrial temperature range.
PARAMETER
VALUE
Input Pulse Level(for 3.3V I/O)
0 to 3.0V
Input Pulse Level(for 2.5V I/O)
0 to 2.5V
Input Rise and Fall Time(Measured at 20% to 80% for 3.3/2.5V I/O)
1.0V/ns
Input and Output Timing Reference Levels for 3.3V I/O
1.5V
Input and Output Timing Reference Levels for 2.5V I/O
VDDQ/2
Output Load
See Fig. 1
Output Load(B),
(for tLZC, tLZOE, tHZOE & tHZC)
Dout
353
Ω / 1538Ω
5pF*
+3.3V for 3.3V I/O
319
Ω / 1667Ω
Fig. 1
* Including Scope and Jig Capacitance
Output Load(A)
Dout
Zo=50
RL=50
VL=1.5V for 3.3V I/O
VDDQ/2 for 2.5V I/O
/+2.5V for 2.5V I/O
30pF*


Similar Part No. - K7M323635C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M323625M SAMSUNG-K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323625M-QC75 SAMSUNG-K7M323625M-QC75 Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323625M-QC75 SAMSUNG-K7M323625M-QC75 Datasheet
277Kb / 24P
   1Mx36 & 2Mx18-Bit Pipelined NtRAM
K7M323625M-QC75 SAMSUNG-K7M323625M-QC75 Datasheet
275Kb / 24P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results

Similar Description - K7M323635C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
K7N323645M SAMSUNG-K7N323645M Datasheet
275Kb / 24P
   1Mx36 & 2Mx18 Pipelined NtRAM
DS_K7N323601M SAMSUNG-DS_K7N323601M Datasheet
277Kb / 24P
   1Mx36 & 2Mx18-Bit Pipelined NtRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
K7M163635B SAMSUNG-K7M163635B Datasheet
394Kb / 19P
   512Kx36 & 1Mx18 Flow-Through NtRAM
K7M803625B SAMSUNG-K7M803625B_06 Datasheet
395Kb / 19P
   256Kx36 & 512Kx18 Flow-Through NtRAM
K7M803625B SAMSUNG-K7M803625B Datasheet
375Kb / 18P
   256Kx36 & 512Kx18-Bit Flow Through NtRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com