Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7M163635B Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K7M163635B
Description  512Kx36 & 1Mx18 Flow-Through NtRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7M163635B Datasheet(HTML) 2 Page - Samsung semiconductor

  K7M163635B Datasheet HTML 1Page - Samsung semiconductor K7M163635B Datasheet HTML 2Page - Samsung semiconductor K7M163635B Datasheet HTML 3Page - Samsung semiconductor K7M163635B Datasheet HTML 4Page - Samsung semiconductor K7M163635B Datasheet HTML 5Page - Samsung semiconductor K7M163635B Datasheet HTML 6Page - Samsung semiconductor K7M163635B Datasheet HTML 7Page - Samsung semiconductor K7M163635B Datasheet HTML 8Page - Samsung semiconductor K7M163635B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
512Kx36 & 1Mx18 Flow-Through NtRAMTM
- 2 -
K7M161835B
K7M163635B
Rev. 3.0 April 2006
Document Title
512Kx36 & 1Mx18-Bit Flow Through NtRAMTM
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Revision History
Rev. No.
0.0
0.1
0.2
0.3
0.4
1.0
2.0
3.0
Remark
Advance
Preliminary
Preliminary
Preliminary
Preliminary
Final
Final
Final
History
1. Initial document.
1. Update the DC current spec(ICC, ISB)
1. Change the ISB,ISB1,ISB2
- ISB ; from 120mA to 170mA
- ISB1 ; from 80mA to 150mA
- ISB2 ; from 80mA to 130mA
1. Remove the 1.8V Vdd voltage level
1. Remove the -75 speed bin
1. Finalize the datasheet
1. Add the overshoot timing
1. Change ordering information
Draft Date
Mar. 23. 2004
May. 21. 2004
Sep. 21. 2004
Oct. 18. 2004
Jan. 04. 2004
July 18. 2005
Feb. 16. 2006
Apr. 04. 2006


Similar Part No. - K7M163635B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163635B-QC65 SAMSUNG-K7M163635B-QC65 Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7M163635B-QCI65 SAMSUNG-K7M163635B-QCI65 Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
More results

Similar Description - K7M163635B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7M163625A SAMSUNG-K7M163625A Datasheet
211Kb / 18P
   512Kx36 & 1Mx18-Bit Flow Through NtRAM
K7M163625M SAMSUNG-K7M163625M Datasheet
354Kb / 20P
   512Kx36 & 1Mx18 Flow-Through NtRAM-TM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163631B SAMSUNG-K7N163631B Datasheet
452Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
DS_K7N163601A SAMSUNG-DS_K7N163601A Datasheet
279Kb / 24P
   512Kx36 & 1Mx18 Pipelined NtRAM
K7N163601M SAMSUNG-K7N163601M Datasheet
323Kb / 20P
   512Kx36 & 1Mx18-Bit Pipelined NtRAM TM
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
DS_K7M323625M SAMSUNG-DS_K7M323625M Datasheet
211Kb / 18P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7M323635C SAMSUNG-K7M323635C Datasheet
391Kb / 19P
   1Mx36 & 2Mx18 Flow-Through NtRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com