Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7K3218T2C Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K7K3218T2C
Description  1Mx36 & 2Mx18 DDRII CIO b2 SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7K3218T2C Datasheet(HTML) 3 Page - Samsung semiconductor

  K7K3218T2C Datasheet HTML 1Page - Samsung semiconductor K7K3218T2C Datasheet HTML 2Page - Samsung semiconductor K7K3218T2C Datasheet HTML 3Page - Samsung semiconductor K7K3218T2C Datasheet HTML 4Page - Samsung semiconductor K7K3218T2C Datasheet HTML 5Page - Samsung semiconductor K7K3218T2C Datasheet HTML 6Page - Samsung semiconductor K7K3218T2C Datasheet HTML 7Page - Samsung semiconductor K7K3218T2C Datasheet HTML 8Page - Samsung semiconductor K7K3218T2C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1Mx36 & 2Mx18 DDRII+ CIO b2 SRAM
K7K3236T2C
K7K3218T2C
- 3 -
Rev. 1.3 August 2008
1Mx36-bit, 2Mx18-bit DDRII CIO b2 SRAM
FEATURES
FUNCTIONAL BLOCK DIAGRAM
• 1.8V+0.1V/-0.1V Power Supply.
• DLL circuitry for wide output data valid window and future
freguency scaling.
• I/O Supply Voltage 1.5V+0.1V/-0.1V
• Pipelined, double-data rate operation.
• Common data input/output bus .
• HSTL I/O
• Full data coherency, providing most current data.
• Synchronous pipeline read with self timed late write.
• Read latency : 2 clock cycles
• Registered address, control and data input/output.
• DDR(Double Data Rate) Interface on read and write ports.
• Fixed 2-bit burst for both read and write operation.
• Clock-stop supports to reduce current.
• Two input clocks(K and K) for accurate DDR timing at clock
rising edges only.
• Two echo clocks (CQ and CQ) to enhance output data
traceability.
• Data Valid pin(QVLD) supported
• Single address bus.
• Byte write (x18, x36) function.
• Simple depth expansion with no data contention.
• Programmable output impedance(ZQ).
• JTAG 1149.1 compatible test access port.
• 165FBGA(11x15 ball aray FBGA) with body size of 15x17mm
LD
ADDRESS
R/W
Doff
DATA
REG
CLK
GEN
CTRL
LOGIC
1Mx36
(2Mx18)
MEMORY
ARRAY
WRITE DRIVER
K
K
BWX
4(or 2)
DQ
SELECT OUTPUT CONTROL
Notes: 1. Numbers in ( ) are for x18 device
19
19 (or 20)
36 (or 18)
36
72
(Echo Clock out)
CQ, CQ
36 (or 18)
DDR SRAM and Double Data Rate comprise a new family of products developed by Cypress, Renesas, IDT, NEC and Samsung technology.
(or 20)
(or 18)
(or 36)
36 (or 18)
* -F(E)C(I)
F(E) [Package type] : E-Pb Free, F-Pb
C(I) [Operating Temperature] : C-Commercial, I-Industrial
Organiza-
tion
Part
Number
Cycle
Time
Access
Time
Unit
X36
K7K3236T2C-F(E)C(I)40
2.5
0.45
ns
K7K3236T2C-F(E)C(I)33
3.0
0.45
ns
X18
K7K3218T2C-F(E)C(I)40
2.5
0.45
ns
K7K3218T2C-F(E)C(I)33
3.0
0.45
ns
ADD
REG
QVLD


Similar Part No. - K7K3218T2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7K3218U2C SAMSUNG-K7K3218U2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results

Similar Description - K7K3218T2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236U2C SAMSUNG-K7K3236U2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323682C SAMSUNG-K7I323682C Datasheet
418Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7J323682M SAMSUNG-K7J323682M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com