Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7K3218T2C Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K7K3218T2C
Description  1Mx36 & 2Mx18 DDRII CIO b2 SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7K3218T2C Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K7K3218T2C Datasheet HTML 7Page - Samsung semiconductor K7K3218T2C Datasheet HTML 8Page - Samsung semiconductor K7K3218T2C Datasheet HTML 9Page - Samsung semiconductor K7K3218T2C Datasheet HTML 10Page - Samsung semiconductor K7K3218T2C Datasheet HTML 11Page - Samsung semiconductor K7K3218T2C Datasheet HTML 12Page - Samsung semiconductor K7K3218T2C Datasheet HTML 13Page - Samsung semiconductor K7K3218T2C Datasheet HTML 14Page - Samsung semiconductor K7K3218T2C Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1Mx36 & 2Mx18 DDRII+ CIO b2 SRAM
K7K3236T2C
K7K3218T2C
- 11 -
Rev. 1.3 August 2008
DC ELECTRICAL CHARACTERISTICS (VDD=1.8V ±0.1V, TA=0°C to +70°C)
Notes: 1. Minimum cycle. IOUT=0mA.
2. |IOH|=(VDDQ/2)/(RQ/5)
±15% for 175Ω ≤ RQ ≤ 350Ω. |IOL|=(VDDQ/2)/(RQ/5)±15% for 175Ω ≤ RQ ≤ 350Ω.
3. Minimum Impedance Mode when ZQ pin is connected to VDD.
4. Operating current is calculated with 100% read cycles or 100% write cycles.
5. Standby Current is only after all pending read and write burst opeactions are completed.
6. Programmable Impedance Mode.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current
IIL
VDD=Max ; VIN=VSS to VDDQ
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current (x36): DDR
ICC
VDD=Max , IOUT=0mA
Cycle Time
≥ tKHKH Min
-40
-
900
mA
1,4
-33
-
800
Operating Current (x18): DDR
ICC
VDD=Max , IOUT=0mA
Cycle Time
≥ tKHKH Min
-40
-
900
mA
1,4
-33
-
700
Standby Current(NOP): DDR
ISB1
Device deselected, IOUT=0mA, f=Max,
All Inputs
0.2V or ≥ VDD-0.2V
-40
-
350
mA
1,5
-33
-
300
Output High Voltage
VOH1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,6
Output Low Voltage
VOL1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,6
Output High Voltage
VOH2
IOH=-1.0mA
VDDQ-0.2
VDDQ
V3
Output Low Voltage
VOL2
IOL=1.0mA
VSS
0.2
V
3


Similar Part No. - K7K3218T2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7K3218U2C SAMSUNG-K7K3218U2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results

Similar Description - K7K3218T2C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236U2C SAMSUNG-K7K3236U2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323682C SAMSUNG-K7I323682C Datasheet
418Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7J323682M SAMSUNG-K7J323682M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com