Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94030 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC94030
Description  TinyFET P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94030 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC94030 Datasheet HTML 1Page - Micrel Semiconductor MIC94030 Datasheet HTML 2Page - Micrel Semiconductor MIC94030 Datasheet HTML 3Page - Micrel Semiconductor MIC94030 Datasheet HTML 4Page - Micrel Semiconductor MIC94030 Datasheet HTML 5Page - Micrel Semiconductor MIC94030 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Micrel, Inc.
MIC94030/MIC94031
July 2006
5
M9999-071106
Typical Applications
+5V
74HC04
On
Off
* Substrate must be
connected to source
S
SS*
D
G
MIC94030
Figure 1. Power Switch Application
+12V
Open Drain
Output
* Substrate must be
connected to source
S
SS*
D
G
MIC94031
Internal
Resistor
Figure 2. Power Control Application
+12V
74C04
On
Off
* Substrate must be
connected to source
Use“C” version only.“HC”
versions not rated to 12V
S
SS*
D
G
MIC94030
+8V
74C04
On
Off
S
SS*
D
G
MIC94030
2M
A
B Output
Off Off
0V
On Off
+12V
Off On
+8V
On On don’t!
A
B
+12V
Figure 3. Analog Switch Application


Similar Part No. - MIC94030

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
MIC94030 MICREL-MIC94030 Datasheet
145Kb / 6P
   TinyFET짰 P-Channel MOSFET
MIC94030BM4 MICREL-MIC94030BM4 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
MIC94030BM4 MICREL-MIC94030BM4 Datasheet
145Kb / 6P
   TinyFET짰 P-Channel MOSFET
MIC94030 MICREL-MIC94030_06 Datasheet
145Kb / 6P
   TinyFET짰 P-Channel MOSFET
More results

Similar Description - MIC94030

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com