Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94030 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC94030
Description  TinyFET P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94030 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC94030_11 Datasheet HTML 1Page - Micrel Semiconductor MIC94030_11 Datasheet HTML 2Page - Micrel Semiconductor MIC94030_11 Datasheet HTML 3Page - Micrel Semiconductor MIC94030_11 Datasheet HTML 4Page - Micrel Semiconductor MIC94030_11 Datasheet HTML 5Page - Micrel Semiconductor MIC94030_11 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MIC94030/94031
TinyFET
® P-Channel MOSFET
TinyFET is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2006
M9999-071106
General Description
The MIC94030 and MIC94031 are 4-terminal silicon gate
P-channel MOSFETs that provide low on-resistance in a
very small package.
Designed for high-side switch applications where space is
critical, the MIC94030/1 exhibits an on-resistance of
typically 0.75Ω at 4.5V gate-to-source voltage. The
MIC94030/1 also operates with only 2.7V gate-to-source
voltage.
The MIC94030 is the basic 4-lead P-channel MOSFET.
The MIC94031 is a variation that includes an internal gate
pull-up resistor that can reduce the system parts count in
many applications.
The 4-terminal SOT-143 package permits a substrate
connection separate from the source connection. This 4-
terminal configuration improves the θJA (improved heat
dissipation) and makes analog switch applications
practical.
The small size, low threshold, and low RDS(on) make the
MIC94030/1 the ideal choice for PCMCIA card sleep mode
or distributed power management applications.
Features
• 13.5V minimum drain-to-source breakdown
• 0.75Ω typical on-resistance
– at 4.5V gate-to-source voltage
• 0.45Ω typical on-resistance
– at 10V gate-to-source voltage
• Operates with 2.7V gate-to-source voltage
• Separate substrate connection for added control
• Industry’s smallest surface mount package
Applications
• Distributed power management
• PCMCIA card power management
• Battery-powered computers, peripherals
• Hand-held bar-code scanners
• Portable communications equipment
Ordering Information
Part Number
Standard
Marking
Pb-Free
Marking
Junction Temp. Range
Package
MIC94030BM4
P30
MIC94030YM4
P30
–55° to +150°C
SOT-143
MIC94031BM4
P31
MIC94031YM4
P31
–55° to +150°C
SOT-143
Pin Configuration
Substrate
Source
Gate
Drain
P3x
Part
Identification
P3x
SOT-143 (M4)
Typical PCB Layout
S
D
G
SS
PCB heat sink
plane improves
heat dissipation
PCB traces


Similar Part No. - MIC94030_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94030BM4 MICREL-MIC94030BM4 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
MIC94030BM4 MICREL-MIC94030BM4 Datasheet
145Kb / 6P
   TinyFET짰 P-Channel MOSFET
MIC94030 MICREL-MIC94030_06 Datasheet
145Kb / 6P
   TinyFET짰 P-Channel MOSFET
More results

Similar Description - MIC94030_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94050 MICREL-MIC94050 Datasheet
42Kb / 5P
   4-Terminal TinyFET??P-Channel MOSFET
MIC94030 MICREL-MIC94030 Datasheet
33Kb / 4P
   TinyFET??P-Channel MOSFET Preliminary Information
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com